Electronic Components Datasheet Search
  English  ▼

X  

MPC8308 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPC8308 Datasheet HTML 28Page - NXP Semiconductors MPC8308 Datasheet HTML 29Page - NXP Semiconductors MPC8308 Datasheet HTML 30Page - NXP Semiconductors MPC8308 Datasheet HTML 31Page - NXP Semiconductors MPC8308 Datasheet HTML 32Page - NXP Semiconductors MPC8308 Datasheet HTML 33Page - NXP Semiconductors MPC8308 Datasheet HTML 34Page - NXP Semiconductors MPC8308 Datasheet HTML 35Page - NXP Semiconductors MPC8308 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
32
Freescale Semiconductor
High-Speed Serial interfaces (HSSI)
This figure shows the SerDes reference clock connection reference circuits for a single-ended clock driver.
It assumes the DC levels of the clock driver are compatible with the device’s SerDes reference clock
input’s DC requirement.
Figure 23. Single-Ended Connection (Reference Only)
10.2.4
AC requirements for SerDes reference clocks
The clock driver selected should provide a high quality reference clock with low phase noise and
cycle-to-cycle jitter. Phase noise less than 100 kHz can be tracked by the PLL and data recovery loops and
is less of a problem. Phase noise above 15 MHz is filtered by the PLL. The most problematic phase noise
occurs in the 1–15 MHz range. The source impedance of the clock driver should be 50
 to match the
transmission line and reduce reflections which are a source of noise to the system.
This table describes some AC parameters for PCI Express protocol.
Table 32. SerDes Reference Clock AC Parameters
At recommended operating conditions with XCOREVDD= 1.0V ± 5%
Parameter
Symbol
Min
Max
Unit
Notes
Rising Edge Rate
Rise Edge Rate
1.0
4.0
V/ns
2, 3
Falling Edge Rate
Fall Edge Rate
1.0
4.0
V/ns
2, 3
Differential Input High Voltage
VIH
+200
—
mV
2
Differential Input Low Voltage
VIL
—
–200
mV
2
50
50
SD_REF_CLK
SD_REF_CLK
100
differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
Single-Ended
CLK Driver Chip
MPC8308
33
Total 50
Assume clock driver’s
output impedance is about 16

50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com