| Electronic Components Datasheet Search |
|
ADSP-SC595 Datasheet(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC595 Datasheet(HTML) 59 Page - Analog Devices |
|
59 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 59 of 134 | May 2022 SYS_BMODE0 Input NA None None None VDD_EXT Desc: Boot Mode Control 0 Notes: Cannot be left unconnected SYS_BMODE1 Input NA None None None VDD_EXT Desc: Boot Mode Control 1 Notes: Cannot be left unconnected SYS_BMODE2 Input NA None None None VDD_EXT Desc: Boot Mode Control 2 Notes: Cannot be left unconnected SYS_CLKIN0 a NA None None None VDD_REF Desc: Clock/Crystal Input Notes: Cannot be left unconnected SYS_CLKIN1 a NA None None None VDD_REF Desc: Clock/Crystal Input Notes: Cannot be left unconnected SYS_CLKOUT Output A None None L VDD_EXT Desc: Processor Clock Output Notes: No notes SYS_FAULT InOut A None None None VDD_EXT Desc: Active-High Fault Output Notes: External pull-down required to keep signal in deasserted state SYS_FAULT InOut A None None None VDD_EXT Desc: Active-Low Fault Output Notes: External pull-up required to keep signal in deasserted state SYS_HWRST Input NA None None None VDD_EXT Desc: Processor Hardware Reset Control Notes: Cannot be left unconnected SYS_RESOUT Output A None None L VDD_EXT Desc: Reset Output Notes: No notes SYS_XTAL0 a NA None None None VDD_REF Desc: Crystal Output Notes: Leave unconnected if an oscillator provides SYS_CLKIN0 SYS_XTAL1 a None None None VDD_REF Desc: Crystal Output Notes: Leave unconnected if an oscillator provides SYS_CLKIN1 VDD_ANA s None None None Desc: Analog VDD Notes: No notes VDD_DMC s None None None Desc: DMC VDD Notes: No notes VDD_EXT s None None None Desc: External Voltage Domain Notes: No notes VDD_INT s None None None Desc: Internal Voltage Domain Notes: No notes VDD_PLL s None None None Desc: PLL VDD Notes: Connect to VDD_INT. For lower noise on VDD_PLL, filtering on VDD_INT is recom- mended before connecting to VDD_PLL. VDD_REF s None None None Desc: External Voltage Domain Notes: No notes 1 Disabled by default. 2 When present, the internal pull-up/pull-down design holds the internal path from the pins at the expected logic levels. To pull up or pull down the external pads to the expected logic levels, use external resistors. Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |