| Electronic Components Datasheet Search |
|
ADSP-SC595 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC595 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 22 of 134 | May 2022 System Watchpoint Unit (SWU) The system watchpoint unit (SWU) is a single module that connects to a single system bus and provides transaction moni- toring. One SWU is attached to the bus going to each system completer. The SWU provides ports for all system bus address channel signals. Each SWU contains four match groups of registers with associated hardware. These four SWU match groups operate independently but share common event (for example, interrupt and trigger) outputs. Debug Access Port (DAP) The debug access port (DAP) provides IEEE 1149.1 JTAG inter- face support through the JTAG debug. The DAP provides an optional instrumentation trace for both the core and system. It provides a trace stream that conforms to MIPI System Trace Protocol version 2 (STPv2). DEVELOPMENT TOOLS Analog Devices supports its processors with a complete line of software and hardware development tools, including an inte- grated development environment, evaluation products, emulators, and a variety of software add-ins. Integrated Development Environment For C/C++ software writing and editing, code generation, and debug support, Analog Devices offers the CrossCore® Embed- ded Studio (CCES) integrated development environment (IDE). CCES is based on the Eclipse framework. Supporting most Ana- log Devices processor families, CCES is the IDE of choice for processors, including multicore devices. CCES seamlessly integrates available software add-ins to sup- port real-time operating systems, file systems, TCP/IP stacks, USB stacks, algorithmic software modules, and evaluation hard- ware board support packages. For more information, visit www.analog.com/cces. EZ-KIT Evaluation Systems For processor evaluation, Analog Devices provides an EZ-KIT® evaluation system (EV-SC598-EZKIT), which is a bundle com- prised of a System on Module (SOM) board (EV-SC598-SOM) and an EZ-KIT SOM carrier (EV-SOMCRR-EZKIT) board. SOM boards are small and low cost. The EV-SC598-SOM boards have the ADSP-SC598 processor, SDRAM and QSPI flash memories, JTAG debug connection, FTDI USB-to-UART, and USB power. SOM boards can be used alone or in combina- tion with a SOM carrier board. The EV-SOMCRR-EZKIT carrier board has high speed connectors for the SOM, a compre- hensive set of peripherals, and an on-board emulator. Each EV-SOMCRR-EZKIT carrier board also comes with a power supply. The USB controller on the EV-SOMCRR-EZKIT carrier board connects to the USB port of the user’s PC, enabling CCES to emulate the on-board processor in circuit. This permits users to download, execute, and debug programs. It also supports in-cir- cuit programming of the on-board flash memory device to store user-specific boot code, enabling standalone operation. Each EZ-KIT purchased includes an evaluation license for CCES. The CCES evaluation license type restricts CCES features to specific evaluation systems. With the full CCES license type (sold separately), engineers can develop software for any of the CCES-supported evaluation boards (including the SOM when used stand-alone or when connected to a different carrier board) or any custom system designed around supported Ana- log Devices processors. The full CCES license type also enables use of ICE-2000 or ICE-1000 emulators for higher performance debugging via JTAG. When a SOM board is mounted to an EV-SOMCRR-EZKIT carrier board, embedded system evaluation can be performed. The EV-SOMCCR-EZKIT provides an evaluation platform for various system peripherals including audio, S/PDIF, CAN, MLB, USB, 10/100/1000 Ethernet, and A2B, as well as an OSPI flash memory. The EV-SOMCRR-EZKIT carrier board also fea- tures the USB Debug Agent, which allows for debug and evaluation of the full system (including the processor/memory on the SOM module) without an emulator. For further information, see: • www.analog.com/cces • www.analog.com/EV-SC598-SOM • www.analog.com/EV-SOMCRR-EZKIT Software Add-Ins for CCES Analog Devices offers software add-ins which seamlessly inte- grate with CCES to extend the capabilities and reduce development time. Add-ins include BSPs for evaluation hard- ware, various middleware packages, and algorithmic modules. Documentation, help, configuration dialogs, and coding exam- ples present in these add-ins are viewable through the CCES IDE upon add-in installation. Board Support Packages (BSPs) for Evaluation Hardware Software support for the EZ-KIT evaluation systems is provided by software add-ins called board support packages (BSPs). The BSPs contain the required drivers, pertinent release notes, and select example code for the given evaluation hardware. A down- load link for a specific BSP is located on the web page for the associated SOM product. Middleware Packages Analog Devices and their development partners provide a range of software stacks which offer additional software functionality for the supported peripherals. This includes TCP/IP, USB, filesystem, EAVB, and Dante. For more information, see the Operating Systems and Middleware page. RTOS and Operating Systems Analog Devices provides RTOS and operating systems for the cores of its DSP processors. FreeRTOS is available for both the SHARC and Arm cores of the ADSP-SC5xx/ADSP-215xx pro- cessors. Embedded Linux is available for the ARM core of the ADSP-SC5xx family of processors. For more information, see the Operating Systems and Middleware page. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |