Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC595 Datasheet(PDF) 89 Page - Analog Devices

Part # ADSP-SC595
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC595 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADSP-SC595 Datasheet HTML 85Page - Analog Devices ADSP-SC595 Datasheet HTML 86Page - Analog Devices ADSP-SC595 Datasheet HTML 87Page - Analog Devices ADSP-SC595 Datasheet HTML 88Page - Analog Devices ADSP-SC595 Datasheet HTML 89Page - Analog Devices ADSP-SC595 Datasheet HTML 90Page - Analog Devices ADSP-SC595 Datasheet HTML 91Page - Analog Devices ADSP-SC595 Datasheet HTML 92Page - Analog Devices ADSP-SC595 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
Rev. PrD
|
Page 89 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
SPI Port—Open Drain Mode (ODM) Timing
In Figure 23 and Figure 24, the outputs can be SPIx_MOSI, SPIx_MISO, SPIx_D2, and/or SPIx_D3, depending on the mode of operation.
CPOL and CPHA are configuration bits in the SPI_CTL register.
Table 53. SPI Port—ODM Master Mode Timing1
1 All specifications apply to all three SPIs.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Switching Characteristics
tHDSPIODMM
SPIx_CLK Edge to High Impedance From Data Out Valid
–1.5
ns
tDDSPIODMM
SPIx_CLK Edge to Data Out Valid From High Impedance
6
ns
Figure 23. ODM Master Mode
Table 54. SPI Port—ODM Slave Mode1
1 All specifications apply to all three SPIs.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tHDSPIODMS
SPIx_CLK Edge to High Impedance From Data Out Valid
0
ns
tDDSPIODMS
SPIx_CLK Edge to Data Out Valid From High Impedance
11
ns
SPIx_CLK
(CPOL = 0)
tHDSPIODMM
SPIx_CLK
(CPOL = 1)
tDDSPIODMM
tDDSPIODMM
tHDSPIODMM
OUTPUT
(CPHA = 1)
OUTPUT
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com