Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC595 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-SC595
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC595 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-SC595 Datasheet HTML 1Page - Analog Devices ADSP-SC595 Datasheet HTML 2Page - Analog Devices ADSP-SC595 Datasheet HTML 3Page - Analog Devices ADSP-SC595 Datasheet HTML 4Page - Analog Devices ADSP-SC595 Datasheet HTML 5Page - Analog Devices ADSP-SC595 Datasheet HTML 6Page - Analog Devices ADSP-SC595 Datasheet HTML 7Page - Analog Devices ADSP-SC595 Datasheet HTML 8Page - Analog Devices ADSP-SC595 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
SHARC, SHARC+, and the SHARC logo are registered trademarks of Analog Devices, Inc.
Preliminary Technical Data
SHARC+ Dual-Core
DSP with Arm Cortex-A55
ADSP-SC595/SC596/SC598
Rev. PrD
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A.
Tel: 781.935.5565
©2022 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SYSTEM FEATURES
Dual-enhanced SHARC+ high performance floating-point
cores
Up to 1000 MHz per SHARC+ core
5 Mb (640 kB) L1 SRAM memory per core with parity
(optional ability to configure as cache)
32-bit, 40-bit, and 64-bit floating-point support
32-bit fixed point
Byte, short word, word, long word addressed
Arm Cortex-A55 core
Up to 1200 MHz/3360 DMIPS with advanced SIMD and
floating-point support
32 kB L1 instruction cache with parity/32 kB L1 data cache
with ECC
256 kB L2 cache with ECC
Powerful DMA system with 8 MemDMAs
On-chip memory protection
Integrated safety features
17 mm × 17 mm, 400-ball BGA_ED (0.8 mm pitch),
RoHS compliant
Low system power across automotive temperature range
MEMORY
Large (up to 2 MB) on-chip L2 SRAM with ECC protection
One L3 interface optimized for low system power, providing
16-bit interface to DDR3/DDR3L (supporting 1.35 V
capable DDR3L devices) devices
ADDITIONAL FEATURES
Security and Protection
Cryptographic hardware accelerators
Fast secure boot with IP protection
Supports Arm TrustZone and cryptographic extension
Accelerators
FIR, IIR offload engines
Figure 1. ADSP-SC598 (Full-Featured Model) Processor Block Diagram
SYSTEM
L2 MEMORY
L3 MEMORY
INTERFACE
DDR3/DDR3L
DATA
16
SYSTEM CROSSBAR AND DMA SUBSYSTEM
SRAM
(ECC)
2 MB
SYSTEM CONTROL
SYSTEM PROTECTION UNIT (SPU)
SECURITY AND PROTECTION
L1 SRAM (PARITY)
5 Mb (640 kB)
SRAM/CACHE
CORE 1
BOOT ROM
CLOCK GENERATION UNIT (CGU)
CLOCK, RESET, AND POWER
RESET CONTROL UNIT (RCU)
Arm® CoreSight
TM
DEBUG UNIT
CLOCK DISTRIBUTION
UNIT (CDU)
DYNAMIC POWER MANAGEMENT
(DPM)
SYSTEM WATCHPOINT UNIT
(SWU)
TRIGGER ROUTING (TRU)
SYS EVENT CORE 0 (GIC)
PROGRAM FLOW
SYS EVENT CORES 1-2 (SEC)
32 kB L1 I-CACHE
32 kB L1 D-CACHE
L1 CACHE (PARITY/ECC)
L2 CACHE
256 kB (ECC)
CORE 0
(1.2 GHz)
Arm
Cortex-A55
L1 SRAM (PARITY)
5 Mb (640 kB)
SRAM/CACHE
CORE 2
FAULT MANAGEMENT UNIT (FMU)
FIR
(1 GHz)
4× IIR
(1 GHz)
ACCELERATORS
®
®
(1 GHz)
S
(1 GHz)
S
PERIPHERALS
40
SRU
DAI0
DAI1
DRU
SYSTEM MEMORY
PROTECTION UNIT (SMPU)
CRYPTOGRAPHIC HARDWARE
ACCELERATOR
QUAD CRC (WITH MemDMA)
WATCHDOGS
THERMAL MONITOR UNIT (TMU)
OTP MEMORY
Arm® TrustZone® SECURITY AND
CRYPTOGRAPHIC EXTENSION
G
P
I
O
135
2× LINK PORTS
4× UARTs
16× TIMERS + 1× COUNTER
1× EPPI
2× CAN FD
2× EMAC
32x CORE FLAGS I/O
2× SPI + 2× QUAD SPI +
1× OCTAL SPI
6× I
2C
1× USB 2.0 HS OTG
CONTROLLER
MLB 3-PIN
HADC (8-CHANNEL, 12-BIT)
1× eMSI (eMMC)
MLB 6-PIN
FIR
(1 GHz)
4× IIR
(1 GHz)
ACCELERATORS
ASRC
8× PAIRS
8× PRECISION CLOCK
GENERATORS
FULL SPORT
0-7
2× S/PDIF Rx/Tx
2× 4-CHANNEL
PDM MIC INPUT


Similar Part No. - ADSP-SC595

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-SC591 AD-ADSP-SC591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-SC591 AD-ADSP-SC591 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591BBPZ6 AD-ADSP-SC591BBPZ6 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591BBPZ8 AD-ADSP-SC591BBPZ8 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC591KBPZ6 AD-ADSP-SC591KBPZ6 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
More results

Similar Description - ADSP-SC595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
ARM Cortex A8 Core
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Advantech Co., Ltd.
RSB-4810 ADVANTECH-RSB-4810 Datasheet
584Kb / 2P
Rockchip Arm Cortex-A55 RK3568 3.5 SBC
18-Apr-2022
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com