Electronic Components Datasheet Search
  English  ▼

X  

MPC5643L Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 97Page - NXP Semiconductors MPC5643L Datasheet HTML 98Page - NXP Semiconductors MPC5643L Datasheet HTML 99Page - NXP Semiconductors MPC5643L Datasheet HTML 100Page - NXP Semiconductors MPC5643L Datasheet HTML 101Page - NXP Semiconductors MPC5643L Datasheet HTML 102Page - NXP Semiconductors MPC5643L Datasheet HTML 103Page - NXP Semiconductors MPC5643L Datasheet HTML 104Page - NXP Semiconductors MPC5643L Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
101
3.18
AC specifications
3.18.1
Pad AC specifications
TSiNAD4
45 dB
—
—
T
Load C
25 pF
—
100 pF
T
Load I
0
A
—
100
A
T
ESD Pad Resistance5
230
—
360
1 Peak to Peak value is measured with no R or I load.
2 Peak to Peak excludes noise, SiNAD must be considered.
3 Common mode value is measured with no R or I load.
4 SiNAD is measured at Max Peak to Peak voltage.
5 Internal device routing resistance. ESD pad resistance is in series and must be considered for max Peak to Peak
voltages, depending on application I load and/or R load.
Table 30. Pad AC specifications (3.3 V , IPP_HVE = 0 )1
1 Propagation delay from V
DD_HV_IOx/2 of internal signal to Pchannel/Nchannel switch-on condition.
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
2 Slope at rising/falling edge.
Frequency
(MHz)
Current slew3
(mA/ns)
3 Data based on characterization results, not tested in production.
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
T
3
—
40
——
40
——
4
0.01
—
2
25
3
—
40
——
50
——
2
0.01
—
2
50
3
—
40
—
—
75
—
—
2
0.01
—
2
100
3
—
40
—
—
100
—
—
2
0.01
—
2
200
2
Medium
T
1
—
15
—
—
12
—
—
40
2.5
—
7
25
1
—
15
—
—
25
—
—
20
2.5
—
7
50
1
—
15
—
—
40
—
—
13
2.5
—
7
100
1
—
15
—
—
70
—
—
7
2.5
—
7
200
3
Fast
T
1
—
6
—
—
4
—
—
72
3
—
40
25
1—6—
—
7
—
—
55
7
—
40
50
1—6—
—
12
—
—
40
7
—
40
100
1—6—
—
18
—
—
25
7
—
40
200
4
Symmetric
T
1
—
8
—
—
5
—
—50
3
—25
25
Table 29.
MPC5643L SWG Specifications
Symbol
Parameter
Value
Minimum
Typical
Maximum
μ
μ
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com