Electronic Components Datasheet Search
  English  ▼

X  

MPC5674F Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5674F Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC5674F Datasheet HTML 22Page - NXP Semiconductors MPC5674F Datasheet HTML 23Page - NXP Semiconductors MPC5674F Datasheet HTML 24Page - NXP Semiconductors MPC5674F Datasheet HTML 25Page - NXP Semiconductors MPC5674F Datasheet HTML 26Page - NXP Semiconductors MPC5674F Datasheet HTML 27Page - NXP Semiconductors MPC5674F Datasheet HTML 28Page - NXP Semiconductors MPC5674F Datasheet HTML 29Page - NXP Semiconductors MPC5674F Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 11
Electrical Characteristics
NXP Semiconductors
26
NOTE
In the following table, "untrimmed” means “at reset" and "trimmed” means “after reset".
Table 10. PMC Operating conditions
Name
Parameter
Condition
Min
Typ
Max
Unit
Note
VDDREG
Supply voltage VDDREG
5V nominal
LDO5V / SMPS5V mode
4.5
5
5.5
V
1
1 Voltage should be higher than maximum V
LVDREG to avoid LVD event
VDDREG
Supply voltage VDDREG
3V nominal
LDO3V mode
3.0
3.3
3.6
V
1
VDD33
Supply voltage VDDSYN /
VDD33 3.3V nominal
LDO3V mode
3.0
3.3
3.6
V
2
2 Applies to both V
DD33 (flash supply) and VDDSYN (PLL supply) pads. Voltage should be higher than maximum VLVD33
to avoid LVD event
VDD
Core supply voltage
—
1.14
1.2
1.32
V
3
3
Voltage should be higher than maximum VLVD12 to avoid LVD event
Table 11. PMC Electrical Specifications
ID
Name
Parameter
Min
Typ
Max
Unit
1VBG
Nominal bandgap reference voltage
0.608
0.620
0.632
V
1a
—
Untrimmed bandgap reference voltage
VBG – 5%
VBG
VBG + 5%
V
2VDD12OUT
Nominal VRC regulated 1.2V output VDD
—
1.27
—
V
2a
—
Untrimmed VRC 1.2V output variation before band
gap trim (unloaded)
Note: Voltage should be higher than maximum
VLVD12 to avoid LVD event
VDD12OUT – 14% VDD12OUT VDD12OUT +10%
V
2b
—
Trimmed VRC 1.2V output variation after band gap
trim (REGCTL load max. 20mA, VDD load max.
1A)1
VDD12OUT – 10% VDD12OUT VDD12OUT + 5%
V
2c
VSTEPV12
Trimming step VDD12OUT
—10
—
mV
3VPORC
POR rising VDD 1.2V
—
0.7
—
V
3a
—
POR VDD 1.2V variation
VPORC – 30%
VPORC
VPORC + 30%
3b
—
POR 1.2V hysteresis
—
75
—
mV
4VLVD12
Nominal rising LVD 1.2V
Note: ~VDD12OUT × 0.87
—1.100
—
V
4a
—
Untrimmed LVD 1.2V variation before band gap trim
Note: Rising VDD
VLVD12 – 6%
VLVD12
VLVD12 + 6%
V
4b
—
Trimmed LVD 1.2V variation after band gap trim
Rising VDD
VLVD12 – 3%
VLVD12
VLVD12 + 3%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com