Electronic Components Datasheet Search
  English  ▼

X  

MPC5674F Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5674F Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC5674F Datasheet HTML 32Page - NXP Semiconductors MPC5674F Datasheet HTML 33Page - NXP Semiconductors MPC5674F Datasheet HTML 34Page - NXP Semiconductors MPC5674F Datasheet HTML 35Page - NXP Semiconductors MPC5674F Datasheet HTML 36Page - NXP Semiconductors MPC5674F Datasheet HTML 37Page - NXP Semiconductors MPC5674F Datasheet HTML 38Page - NXP Semiconductors MPC5674F Datasheet HTML 39Page - NXP Semiconductors MPC5674F Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 11
Electrical Characteristics
NXP Semiconductors
36
5
Duty Cycle of Reference 7
tDC
40
60
%
6
Frequency un-LOCK Range
fUL
–4.0
4.0
% fsys
7
Frequency LOCK Range
fLCK
–2.0
2.0
% fsys
8
D_CLKOUT Period Jitter8, 9 Measured at fSYS Max
Cycle-to-cycle Jitter
CJitter
–5
5
%fclkout
9
Peak-to-Peak Frequency Modulation Range Limit 10,11
(fsys Max must not be exceeded)
Cmod
04
%fsys
10
FM Depth Tolerance12
Cmod_err
–0.25
0.25
%fsys
11
VCO Frequency
fVCO
192
600
MHz
12
Modulation Rate Limits13
fmod
0.400
1
MHz
13
Predivider output frequency range14
fprediv
410
MHz
1 All values given are initial design targets and subject to change.
2 Crystal and External reference frequency limits depend on device relying on PLL to lock prior to release of reset, default
PREDIV/EPREDIV, MFD/EMFD default settings, and VCO frequency range. Absolute minimum loop frequency is 4 MHz.
3 Upper tolerance of less than 1% is allowed on 40MHz crystal.
4 “Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL into self clocked mode.
5 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls below f
LOR. This
frequency is measured at D_CLKOUT. A default RFD value of (0x05) is used in SCM mode, and the programmed MFD and
RFD values have no effect
6 This specification applies to the period required for the PLL to re-lock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR). From power up with crystal oscillator reference, lock time will be additive with crystal
startup time.
7
For Flexray operation, duty cycle requirements are higher.
8 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
sys.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDSYN and VSSSYN and variation in crystal oscillator frequency increase the Cjitter
percentage for a given interval. D_CLKOUT divider set to divide-by-2.
9 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
jitter +Cmod.
10 Modulation depth selected must not result in f
pll value greater than the fpll maximum specified value.
11 Maximum and minimum variation from programmed modulation depth is pending characterization. Depth settings available in
control register are: 2%, 3%, and 4% peak-to-peak.
12 Depth tolerance is the programmed modulation depth ±0.25% of F
sys. Violating the VCO min/max range may prevent the
system from exiting reset.
13 Modulation rates less than 400 kHz will result in exceedingly long FM calibration durations. Modulation rates greater than 1 MHz
will result in reduced calibration accuracy.
14 Violating this range will cause the VCO max/min range to be violated with the default MFD settings out of reset.
Table 18. FMPLL Electrical Specifications1 (continued)
(VDDSYN = 3.0 V to 3.6 V, VSS =VSSSYN =0 V, TA =TL to TH)
Spec
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com