Electronic Components Datasheet Search
  English  ▼

X  

MPC5674F Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5674F Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC5674F Datasheet HTML 42Page - NXP Semiconductors MPC5674F Datasheet HTML 43Page - NXP Semiconductors MPC5674F Datasheet HTML 44Page - NXP Semiconductors MPC5674F Datasheet HTML 45Page - NXP Semiconductors MPC5674F Datasheet HTML 46Page - NXP Semiconductors MPC5674F Datasheet HTML 47Page - NXP Semiconductors MPC5674F Datasheet HTML 48Page - NXP Semiconductors MPC5674F Datasheet HTML 49Page - NXP Semiconductors MPC5674F Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 11
Electrical Characteristics
NXP Semiconductors
46
Figure 18. Generic Output Delay/Hold Timing
Figure 19. Generic Input Setup/Hold Timing
4.12.2
Reset and Configuration Pin Timing
Table 33. Reset and Configuration Pin Timing1
1 Reset timing specified at: V
DDEH = 3.0 V to 5.25 V, VDD = 1.08 V to 1.32 V, TA =TL to TH.
Spec
Characteristic
Symbol
Min
Max
Unit
1
RESET Pulse Width
tRPW
10
—
tcyc
2
2
RESET Glitch Detect Pulse Width
tGPW
2—
tcyc
2
3
PLLCFG, BOOTCFG, WKPCFG Setup Time to RSTOUT Valid
tRCSU
10
—
tcyc
2
4
PLLCFG, BOOTCFG, WKPCFG Hold Time to RSTOUT Valid
tRCH
0—
tcyc
2
VDDE / 2
D_CLKOUT
A – Maximum Output Delay Time
B – Minimum Output Hold Time
VDDEn / 2
A
B
I/O Outputs
VDDEHn / 2
VDDE / 2
A
B
D_CLKOUT
VDDEn / 2
I/O Inputs
A – Minimum Input Setup Time
B – Minimum Input Hold Time
VDDEHn / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com