Electronic Components Datasheet Search
  English  ▼

X  

MPC5674F Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5674F Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC5674F Datasheet HTML 39Page - NXP Semiconductors MPC5674F Datasheet HTML 40Page - NXP Semiconductors MPC5674F Datasheet HTML 41Page - NXP Semiconductors MPC5674F Datasheet HTML 42Page - NXP Semiconductors MPC5674F Datasheet HTML 43Page - NXP Semiconductors MPC5674F Datasheet HTML 44Page - NXP Semiconductors MPC5674F Datasheet HTML 45Page - NXP Semiconductors MPC5674F Datasheet HTML 46Page - NXP Semiconductors MPC5674F Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 11
NXP Semiconductors
43
2 Up to the maximum frequency rating of the device (refer to Table 1). The f
sys speed is the nominal maximum frequency.
270 Mhz parts allow for 264 Mhz system clock + 2% FM.
3 See the MPC5674F Reference Manual for full description as not all bit combinations are valid.
4 EBI/Calibration bus is not available in all packages.
5 The EBI/Calibration Bus operating frequency, f
ebi_cal , depends on clock divider settings of block’s max allowed
frequency of operation. Normally febi_cal =fplatf /2, but can be limited to < fplatf /2 in Full Mode.
Table 29. IPCLKDIV Settings
SIU_SYSDIV
[IPCLKDIV[0:1]]
Mode
Description
00
Enhanced
CPU frequency is doubled (Max 264Mhz). Platform,
peripheral, and eTPU clocks are 1/2 of CPU frequency
01
Full
CPU and eTPU frequency is doubled (Max 200Mhz).
Platform and peripheral clocks are 1/2 of CPU frequency.
10
—
Reserved
11
Legacy
CPU, eTPU, platform, and peripheral’s clocks all run at
same speed (Max 132Mhz).
Table 30. SYSCLKDIV Settings
SIU_SYSDIV
[SYSCLKDIV[0:1]]
Description
00
Divide by 2.
01
Divide by 4.
10
Divide by 8.
11
Divide by 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com