Electronic Components Datasheet Search
  English  ▼

X  

MPC5674F Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5674F Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC5674F Datasheet HTML 35Page - NXP Semiconductors MPC5674F Datasheet HTML 36Page - NXP Semiconductors MPC5674F Datasheet HTML 37Page - NXP Semiconductors MPC5674F Datasheet HTML 38Page - NXP Semiconductors MPC5674F Datasheet HTML 39Page - NXP Semiconductors MPC5674F Datasheet HTML 40Page - NXP Semiconductors MPC5674F Datasheet HTML 41Page - NXP Semiconductors MPC5674F Datasheet HTML 42Page - NXP Semiconductors MPC5674F Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 11
NXP Semiconductors
39
4.9.1
ADC Internal Resource Measurements
Table 21. Power Management Control (PMC) Specification
Spec
Characteristic
Symbol
Min
Typical
Max
Unit
PMC Normal Mode
1
Bandgap 0.62 V
ADC0 channel 145
VADC145
—
0.62
—
V
2
Bandgap 1.2 V
ADC0 channel 146
VADC146
—
1.22
—
V
3
Vreg1p2 Feedback
ADC0 channel 147
VADC147
—
VDD /2.045
—
V
4LVD 1.2 V
ADC0 channel 180
VADC180
—
VDD /1.774
—
V
5
Vreg3p3 Feedback
ADC0 channel 181
VADC181
—
Vreg3p3 / 5.460
—
V
6LVD 3.3 V
ADC0 channel 182
VADC182
—
Vreg3p3 / 4.758
—V
7LVD 5.0 V
ADC0 channel 183
— LDO mode
— SMPS mode
VADC183
—
VDDREG / 4.758
VDDREG/7.032
—
V
Table 22. Standby RAM Regulator Electrical Specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
Normal Mode
1
Standby Regulator Output
ADC1 channel 194
VADC194
—
1.2
—
V
2
Standby Source Bias
150 mV to 360 mV (30mV Increment @
vref_sel)
ADC1 channel 195
Default Value 150 mV (@vref_sel = 1 1 1)
VADC195
150
—
360
mV
3
Standby Brownout Reference
ADC1 channel 195
VADC195
500
—
850
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com