Electronic Components Datasheet Search
  English  ▼

X  

SMS66 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMS66 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
5
Pin
Number
Pin
Type
Pin Name
Pin Description
42,37,
32,27,
22,17
CAP
CAPX
External capacitor input used to filter the VMX inputs to the 10-bit ADC, CAPA
through CAPF. This provides an RC filter where R = 25kΩ.
43,38,
33,28,
23,18
OUT
PUPX
Programmable active high/low open drain converter enable output, PUPA
through PUPF
45, 40,
35, 30,
25, 20,
15
NC
NC
No Connection
46
PWR
VDD
Power supply of the part
47
PWR
12VIN
12V power supply input internally regulated to either 3.6V or 5.5V
48
CAP
VDD_CAP
External capacitor input used to filter the internal supply
PACKAGE AND PIN CONFIGURATION
48 LEAD TQFP
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SDA
SCL
A2
MR
PWR_ON/OFF
FS
FAULT
RST
HEALTHY
AIN1
GND
AIN2
VMB
NC
GND
PUPC
CAPC
VMC
NC
GND
PUPD
CAPD
NC
VMD
PIN DESCRIPTIONS (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com