Electronic Components Datasheet Search
  English  ▼

X  

SMS66 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
7
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
PUP characteristics
VOL
Output Low Voltage
ISINK = 2mA
0
0.4
V
All other input and output characteristics
VDD = 2.7V
0.9xVDD
VDD
V
VIH
Input High Voltage
(FS,PWR_ON/OFF, MR#)
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
-0.1
0.1xVDD
V
VIL
Input Low Voltage (FS,
PWR_ON/OFF, MR#)
VDD = 5.0V
-0.1
0.3xVDD
V
VOL
Programmable Open Drain
Outputs (RST, HEALTHY,
FAULT)
ISINK = 2mA
0
0.4
V
IOL
Output Low Current
Note – Total ISINK from all PUPx pins
should not exceed 3mA or accuracy
specifications will be affected
0
1.0
mA
VMMonitor
VM Monitor Threshold Step Size
VM pins
5
mV
VAMonitor
AINx Monitor Threshold Step Size
AIN1/AIN2 pins
2.5
mV
TMonitor
Temperature Threshold Step Size
Internal Temp Sensor
0.25
oC
VREF_OUT
Internal 1.25VREF Output Voltage
1.24
1.25
1.26
V
–40
°C to +85°C
-0.25
+0.25
%
VREF TC
Internal VREF Temperature
Coefficient
–5
°C to +70°C
-0.15
+0.15
%
VREF ACC Internal VREF Accuracy
-0.4
+0.4
%
External
VREF
External VREF Voltage Range
0.5
VDD_CAP
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com