Electronic Components Datasheet Search
  English  ▼

X  

SMS66 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
12
APPLICATIONS INFORMATION
DEVICE OPERATION
POWER SUPPLY
The SMS66 can be powered by either a 12V input
through the 12VIN pin or by a 3.3V or 5.0V input
through the VDD pin. The 12VIN pin feeds an internal
programmable regulator that internally generates
either 5.5V or 3.6V. A voltage arbitration circuit allows
the device to be powered by the highest voltage from
either the regulator output or the VDD input. This
voltage arbitration circuit continuously checks for these
voltages to determine which will power the SMS66.
The resultant internal power supply rail is connected to
the VDD_CAP pin that allows both filtering and hold-
up of the internal power supply.
MODES OF OPERATION
The SMS66 has three basic modes of operation:
Power-on sequencing mode, monitoring mode, and
Power-off sequencing mode (shown in Figures 4B
through 4E). In addition, there is a forced shutdown
feature.
A detailed description of each mode and
feature follows.
POWER-ON SEQUENCING
The SMS66 can be programmed to sequence up to six
power supplies in any order.
Each of these six
channels (A-F) has an associated open drain PUP
output that, when connected to a converter’s enable
pin, controls the turn-on of the converter.
The
channels
are
assigned
sequence
positions
to
determine the order of the sequence. Any channel
can also be programmed to not take part in the
sequencing in applications with fewer than six
supplies. The polarity of each of the PUPX outputs is
programmable
for
use
with
various
types
of
converters.
Power-on sequencing can be initiated by the
PWR_ON/OFF pin or via I
2C control. The polarity of
the PWR_ON/OFF pin is programmable. If hard wired
in its active state the SMS66 will automatically initiate
the Power-on sequence.
Otherwise, toggling the
PWR_ON/OFF pin to its active state will initiate the
Power-on sequence. To enable software control of
the sequencing feature, the SMS66 offers an I
2C
command to initiate Power-on sequencing while the
PWR_ON/OFF pin is in its inactive state.
Figure 4D:
SMS66 Sequence-On Waveforms
Time/Horizontal division = 40mS
Ch 1(500mV/Div) = 3.3V DC-DC converter output (Yellow trace)
Ch 2 (500mV/Div) = 2.5V DC-DC converter output (Blue trace)
Ch 3 (500mV/Div) = 1.8V DC-DC converter output (Purple trace)
Ch 4 (500mV/Div) = 1.5V DC-DC converter output (Green trace)
Figure 4E SMS66 Sequence-Off Waveforms
Time/Horizontal division = 400mS
Ch 1(500mV/Div) = 3.3V DC-DC converter output (Yellow trace)
Ch 2 (500mV/Div) = 2.5V DC-DC converter output (Blue trace)
Ch 3 (500mV/Div) = 1.8V DC-DC converter output (Purple trace)
Ch 4 (500mV/Div) = 1.5V DC-DC converter output (Green trace)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com