Electronic Components Datasheet Search
  English  ▼

X  

SMS66 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS66 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
6
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ..........................-0.3V to 6.0V
12VIN Supply Voltage......................-0.3V to 15.0V
All Others ................................-0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs).................... 300
°C
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD
sensitive.
Handling
precautions
are
recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial)...........–40
°C to +85°C
(Commercial) ............–5
°C to +70°C
VDD Supply Voltage .................................. 2.7V to 5.5V
EEPROM Write Supply Voltage
1…….....…3.0V to 5.5V
12VIN Supply Voltage
2 ............................ 8.0V to 15.0V
VIN ............................................................ GND to VDD
VOUT ...................................................... GND to 15.0V
Package Thermal Resistance (
θJA)
48 Lead TQFP……………………………….…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
Note 1 – During an EEPROM memory array or Configuration
Register Write, the supply voltage minimum is 3.0V.
Note 2 – Range depends on internal regulator set to 3.6V or 5.5V.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD
Low Range Supply Voltage
Note 1
2.7
5.5
V
Note 2. Internally
regulated to 5.5V
10
15
V
12VIN
High Range Supply Voltage
Note 2. Internally
regulated to 3.6V
7
14
IDD
Power Supply Current from
VDD
12VIN floating
3
5
mA
I12VIN
Power Supply Current from
12VIN
VDD floating
3
5
mA
PTOV1
Programmable Threshold for
OV1 condition
0
4XVREF
V
PTOV2
Programmable Threshold for
OV2 condition
0
4XVREF
V
PTOV1ACC
Programmable UV Threshold
Accuracy
-0.005
PTUV
+0.005
V
PTOV2ACC
Programmable OV Threshold
Accuracy
-0.005
PTOV
+0.005
V
PTUV1
Programmable Threshold for
UV1 condition
0
4XVREF
V
PTUV2
Programmable Threshold for
UV2 condition
0
4XVREF
V
PTUV1ACC
Programmable UV1
Threshold Accuracy
-0.005
PTUV1
+0.005
V
PTUV2ACC
Programmable UV2
Threshold Accuracy
-0.005
PTUV2
+0.005
V
Note 1 – During an EEPROM memory array or Configuration Register Write, the supply voltage minimum is 3.0V.
Note 2 – Range depends on internal regulator set to 3.6V or 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com