Electronic Components Datasheet Search
  English  ▼

X  

SMS66 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS66 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMS66
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2003 • 300 Orchard City Drive, #131 • Campbell CA 95006 • Phone 408 378-6461 • FAX 408 378-6596
www.summitmicro.com
2070 1.0 7/16/03
1
Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
FEATURES & APPLICATIONS
• Very accurate monitor function – 5mV steps
• Monitors and sequences up to six supplies
• Programmable Power-on/-off sequencing
• Monitors internal temperature sensor
• Operates from 12V or 3.3V supply
• Monitors 12V input and VDD
• Monitors two general-purpose 10-bit ADC inputs
• Programmable threshold limits (2 OV/2 UV) for
each monitored input
• Programmable RESET, HEALTHY and FAULT
functions
• 4k-bit general purpose nonvolatile memory
• I2C 2-wire serial bus for programming
configuration and monitoring status, including
10-bit ADC conversion results
Applications
• Monitor and Sequence Distributed Power and
Point of Load Power Supplies
• Multi-voltage Processors, DSPs, ASICs used in
Telecom, CompactPCI or server systems
INTRODUCTION
The SMS66 is a very accurate programmable power
supply supervisor that monitors and sequences. It
controls sequencing time and position of up to six
isolated or non-isolated distributed or POL DC/DC
converters. The monitor supervisory function has two
independent UV and OV settings for each supply and
can be set in 5mV steps. The SMS66 also sequences
the power supplies in any order using enable outputs
with programmable polarity.
The SMS66 monitors six power supply channels as
well as VDD, 12V input, two general-purpose analog
inputs and an internal temperature sensor using a 10-
bit ADC. The 10-bit ADC can measure the value on
any one of the input channels and output the
conversion data via the I
2C bus.
Using the I
2C interface, a host system can
communicate with the SMS66 status register,
optionally control Power-on/off, and utilize 4 K-bits of
nonvolatile memory.
SIMPLIFIED APPLICATIONS DRAWING
PUP
F
VM
F
PUP
A
VM
A
SMS66
µP/
DSP/
NPU/
FPGA
VDD (+2.7V to +5.5V Range)
RESET
DONE
HEALTHY
12VIN (+8V to +15V Range)
External
or
Internal
TEMP
SENSOR
AIN1
VREF_ADC
2.5VIN
1.2VIN
12V
SDA
SCL
I2C
BUS
3.3V
A2
VREF_OUT
VIN
Vout
DC/DC
Converter A
ON/OFF
VIN
Vout
DC/DC
Converter F
ON/OFF
External or
Internal
REFERENCE
Figure 1 – Applications Schematic using the SMS66 Controller to cascade sequence up to six DC/DC
Converters while also providing supervisory functions.
Note: This is an applications example only. Some pins, components and values are not shown.


Similar Part No. - SMS66

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001_15 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
SMS64FR00 SUMMIT-SMS64FR00 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
SMS64FR01 SUMMIT-SMS64FR01 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
More results

Similar Description - SMS66

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
3-Channel Power Supply Supervisor
logo
Summit Microelectronics...
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com