Electronic Components Datasheet Search
  English  ▼

X  

BLF647P Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF647P
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF647P Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF647P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLF647P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
3 of 14
BLF647P
Broadband power LDMOS transistor
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLF647P is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS =32V;
f = 1300 MHz at rated load power.
Table 6.
DC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =1.1 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =28 V; ID = 110 mA
1.55 1.8
2.25 V
IDSS
drain leakage current
VGS =0V; VDS =28V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =20 V
18.1 20
-
A
IGSS
gate leakage current
VGS =11 V; VDS =0V
-
-
140 nA
gfs
forward transconductance
VDS =20 V; ID = 5500 mA
-
7.6
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) +3.75 V;
ID =3.85A
-140
-
m
Table 7.
AC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min Typ Max Unit
Ciss
input capacitance
VGS = 0 V; VDS =32V; f=1MHz
-
78
-
pF
Coss
output capacitance
VGS = 0 V; VDS =32V; f=1MHz
-
30
-
pF
Crs
feedback capacitance
VGS = 0 V; VDS =32V; f=1MHz
-
1.3
-
pF
Table 8.
RF characteristics
Test signal: CW; f = 1300 MHz; RF performance at VDS =32V; IDq =100 mA; Tcase = 25C; unless
otherwise specified; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 200 W
1718-
dB
D
drain efficiency
PL = 200 W
6670-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com