Electronic Components Datasheet Search
  English  ▼

X  

BLF647P Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # BLF647P
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF647P Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button BLF647P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BLF647P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
9 of 14
BLF647P
Broadband power LDMOS transistor
7.3.3 2-Tone CW
VDS = 50 V; IDq = 700 mA; f1 = 1299.95 MHz;
f2 = 1300.05 MHz.
VDS = 32 V; f1 = 1299.95 MHz; f2 = 1300.05 MHz.
(1) IDq = 100 mA
(2) IDq = 400 mA
(3) IDq = 700 mA
(4) IDq = 1000 mA
(5) IDq = 1200 mA
Fig 10. Power gain and drain efficiency as function of
average output power; typical values
Fig 11. Third order intermodulation distortion as a
function of average output power; typical
values
aaa-006012
0
25
50
75
100
125
150
16
0
17
20
18
40
19
60
20
80
PL(AV) (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
aaa-006013
0
25
50
75
100
125
150
-80
-60
-40
-20
0
PL(AV) (W)
IMD3
IMD3
IMD3
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com