Electronic Components Datasheet Search
  English  ▼

X  

BLF647P Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF647P
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF647P Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF647P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF647P Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BLF647P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
7 of 14
BLF647P
Broadband power LDMOS transistor
VDS = 32 V; f = 1300 MHz.
(1) IDq =50mA
(2) IDq = 100 mA
(3) IDq = 200 mA
(4) IDq = 300 mA
(5) IDq = 700 mA
(6) IDq = 1000 mA
(7) IDq = 1200 mA
VDS = 32 V; f = 1300 MHz.
(1) IDq =50mA
(2) IDq = 100 mA
(3) IDq = 200 mA
(4) IDq = 300 mA
(5) IDq = 700 mA
(6) IDq = 1000 mA
(7) IDq = 1200 mA
Fig 5.
Power gain as a function of output power;
typical values
Fig 6.
Drain efficiency as a function of output power;
typical values
aaa-006007
0
50
100
150
200
250
12
14
16
18
20
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)
aaa-006008
0
50
100
150
200
250
0
20
40
60
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com