Electronic Components Datasheet Search
  English  ▼

X  

1233 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1233
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1233 Datasheet(HTML) 3 Page - Unisonic Technologies

  1233 Datasheet HTML 1Page - Unisonic Technologies 1233 Datasheet HTML 2Page - Unisonic Technologies 1233 Datasheet HTML 3Page - Unisonic Technologies 1233 Datasheet HTML 4Page - Unisonic Technologies 1233 Datasheet HTML 5Page - Unisonic Technologies 1233 Datasheet HTML 6Page - Unisonic Technologies 1233 Datasheet HTML 7Page - Unisonic Technologies 1233 Datasheet HTML 8Page - Unisonic Technologies 1233 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1233
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
3
www.unisonic.com.tw
QW-R107-023,,E
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (At no signal)
VCC
14
V
Supply Current
ICC
2.0
A
Power Dissipation(Ta = 70℃)
PD
1.92
W
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –40℃~85℃.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage
Vcc
3.5 ~ 13.5
V
ELECTRICAL CHARACTERISTICS
(Vcc=8.0V, RL=8Ω, f=1kHz, Ta=25℃±2℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ID
VIN=0mV, Vo1.=0V
45
100
mA
Standby Current
ISTN-BY
VIN=0mV, Vo1.=0V
1
10
μA
Output Noise Voltage*
VNO
RG=10kΩ, Vo1.=0V
0.10
0.4
mV(rms)
Output Offset Voltage
VOFF
RG=10kΩ, Vo1.=0V
-250
0
250
mV
Total Harmonic Distortion
THD
POUT=0.5W, Vo1.=1.25V
0.10
0.5
%
Maximum Output Power
POUT1
THD=10%, Vo1.=1.25V
2.4
3.0
W
Ripple Rejection*
RR
RG=10kΩ, Vo1.=0V
VR=1V(rms), fR=120Hz
30
50
dB
Voltage Gain
Gv
POUT=0.5W, Vo1.=1.25V
31
33
35
dB
Volume Attenuation Rate*
Att
POUT=0.5W, Vo1.=0V
70
85
dB
Channel Balance 1
CB1
POUT=0.5W, Vo1.=1.25V
-1
0
1
dB
Channel Balance 2
CB2
POUT=0.5W, Vo1.=0.6V
-3
0
3
dB
Intermediate Voltage Gain
GVM
POUT=0.5W, Vo1.=0.6V
20.5
23.5
26.5
dB
Channel Crosstalk
CT
POUT=0.5W, Vo1.=1.25V
40
55
dB
* In measuring, the filter for the range of 15 Hz ~ 30 kHz (12 dB/OCT) is used.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com