Electronic Components Datasheet Search
  English  ▼

X  

1233 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 1233
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1233 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 1233 Datasheet HTML 2Page - Unisonic Technologies 1233 Datasheet HTML 3Page - Unisonic Technologies 1233 Datasheet HTML 4Page - Unisonic Technologies 1233 Datasheet HTML 5Page - Unisonic Technologies 1233 Datasheet HTML 6Page - Unisonic Technologies 1233 Datasheet HTML 7Page - Unisonic Technologies 1233 Datasheet HTML 8Page - Unisonic Technologies 1233 Datasheet HTML 9Page - Unisonic Technologies 1233 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1233
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
6
www.unisonic.com.tw
QW-R107-023,,E
TYPICAL MAIN CHARACTERISTICS
8
2
06
4
2
4
7
10
6
3
1
812
POUT-Vcc
Supply Voltage, Vcc (V)
5
0
14
Ch.1 (8Ω)
Ch.2 (8Ω)
Ch.1.Ch.2 (16Ω)
f=1kHz
THD=10%
RL=8Ω,16Ω
400Hz HPF
30kHz LPF
Both ch.input
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
70
2
0
6
4
10
30
60
10
50
20
812
ID, ISTN-BY -Vcc
Supply Voltage, Vcc (V)
40
0
14
ISTN-BY
ID
RL=8Ω
Both ch.input
RG=10kΩ
VSTN-BY=0V/5V
VO1.=0V
10
1
10
1
100
0.1
POUT,THD - VIN
Input Voltage, VIN ( mV[rms])
0.01
0.001
1000
PoUT (Ch.1)
PoUT (Ch.2)
THD (Ch.2 1kHz)
Vcc=8V
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
Both ch.input
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
THD
(Ch.1,100kHz)
THD
(Ch.2. 100kHz)
THD (Ch.2, 10kHz)
THD (Ch.1, 10kHz)
THD
(Ch.1, 1kHz)
100
10
1
0.1
0.01
3.5
1.0
0.0
3.0
2.0
0.5
1.5
3.0
5.0
2.5
1.0
4.0
Pc,Icc - Po
Output Power (1-ch), PoUT (W)
2.0
0.0
Vcc=8V
f=1kHz
RL=8Ω,16Ω
400Hz HPF
30kHz LPF
Pc (8Ω)
Pc (16Ω)
Icc (8Ω)
Icc (16Ω)
Both ch.input
RG=10kΩ
VSTN-BY=5V
Vo1.=1.25V
1.8
0.6
1.0
1.6
1.4
0.8
1.2
0.4
0.2
0.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
35
100
10
10000
1000
29
31
34
33
30
28
100000
Gv, PoUT -f
Frequency, f (Hz)
32
27
Gv, (Ch.1)
Gv, (Ch.2)
Gv , (Ch.2)
Gv, (Ch.1)
Vcc=8V
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
Both ch.input
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
26
25
2.0
0.8
1.2
1.8
1.6
1.0
0.6
1.4
0.4
0.2
0.0
10
10
100
1
1000
0.1
THD - f
Frequency, f (Hz)
0.01
100000
Vcc=8V
Po=0.5W
RL=8Ω
400Hz HPF
30kHz LPF
Ch.1
Both ch.input
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
Ch.2
10000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com