Electronic Components Datasheet Search
  English  ▼

X  

1233 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 1233
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1233 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 1233 Datasheet HTML 2Page - Unisonic Technologies 1233 Datasheet HTML 3Page - Unisonic Technologies 1233 Datasheet HTML 4Page - Unisonic Technologies 1233 Datasheet HTML 5Page - Unisonic Technologies 1233 Datasheet HTML 6Page - Unisonic Technologies 1233 Datasheet HTML 7Page - Unisonic Technologies 1233 Datasheet HTML 8Page - Unisonic Technologies 1233 Datasheet HTML 9Page - Unisonic Technologies 1233 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1233
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
7
www.unisonic.com.tw
QW-R107-023,,E
TYPICAL MAIN CHARACTERISTICS (cont.)
35
2
010
8
29
31
34
33
30
28
14
Gv, THD - Vcc
Supply Voltage, Vcc (V)
32
27
26
25
1.0
0.4
0.6
0.9
0.8
0.5
0.3
0.7
0.2
0.1
0.0
Gv , (Ch.1)
Gv, (Ch.2)
THD (Ch.2)
THD (Ch.1)
PoUT=0.5W
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
Both ch.input
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
80
2
0
6
4
20
40
70
60
30
10
14
RR - Vcc
Supply Voltage, Vcc (V)
50
0
Ch.1,Ch.2
Ch.2 (vol.-max.)
Ch.1 (vol.-max.)
RL=8Ω
30kHz LPF
RG=10kΩV
STN-BY
=5V
VO1.=0V/1.25V
VRIPPLE =0.5V [rms]
fRIPPLE =120Hz
812
10
80
100
10
10000
1000
20
40
70
60
30
10
RR - VRIPPLE
Power Supply Ripple Voltage, VRIPPLE ( mV [rms] )
50
Ch.1,Ch.2
Ch.2 (vol1.-max .)
VST N-BY=5V
Vo1.=0V/1.25V
VRIPPLE =0.5V [rms]
fRIPPLE =120Hz
Vcc=8V
RL=8Ω
30kHz LPF
RG=10kΩ
0
Ch.1 (vol 1.-max.)
80
20
40
70
60
30
10
RR - fRIPPLE
50
0
Ch.1,Ch.2
Ch.2 (vol. -max.)
Ch.1 (vol.-max.)
Vcc=8V
RL=8Ω
RG=10kΩ
VSTN-BY=5V
Vo1.=0V/1.25V
VRIPPLE=0.5V [rms]
Ch.2
100
10
10000
1000
Power Supply Ripple Frequency, fRIPPLE (Hz)
46
12
80
0.5
0.0
1.5
1.0
20
40
70
60
30
10
RR - Vo1.
Volume Voltage, Vo1 (V)
50
Ch.2
VSTN-BY=5V, Vcc=8V
RL=8Ω, RG=10kΩ
30kHz LPF
VRIPPLE=0.5V [ rms]
fRIPPLE =120Hz
0
Ch.1
80
2
0
6
4
20
40
70
60
30
10
14
CT -Vcc
Supply Voltage, Vcc (V)
50
0
Ch.1
812
10
Ch.2
Po=0.5W
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
90



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com