Electronic Components Datasheet Search
  English  ▼

X  

1233 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 1233
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1233 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 1233 Datasheet HTML 2Page - Unisonic Technologies 1233 Datasheet HTML 3Page - Unisonic Technologies 1233 Datasheet HTML 4Page - Unisonic Technologies 1233 Datasheet HTML 5Page - Unisonic Technologies 1233 Datasheet HTML 6Page - Unisonic Technologies 1233 Datasheet HTML 7Page - Unisonic Technologies 1233 Datasheet HTML 8Page - Unisonic Technologies 1233 Datasheet HTML 9Page - Unisonic Technologies 1233 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1233
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
8
www.unisonic.com.tw
QW-R107-023,,E
TYPICAL MAIN CHARACTERISTICS (cont.)
100
10
1000
40
60
90
80
50
30
CT -VIN
70
20
Ch.1
Ch.2
10
0
Input Voltage, VIN ( mV [rms])
Vcc=8V
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
10
100
1000
CT -f
Frequency, f (Hz)
100000
10000
40
60
90
80
50
30
70
20
10
0
Ch.2
Ch.1
Vcc=8V
Po=0.5W
RL=8Ω
RG=10kΩ
VSTN-BY=5V
VO1.=1.25V
800
2
0
6
4
200
400
700
600
300
100
14
VNO -Vcc
Supply Voltage, Vcc (V)
500
0
Ch.1,Ch.2
812
10
Ch.2 (vo1.-max.)
Ch.1 (vo1.-max.)
Ch.1 (FLAT)
Ch.2 (FLAT)
RL=8Ω
RG=10kΩ
Din audio filter
VSTN-BY=5V
VO1.=0V/1.25V
10
100
1000
CT -f
100000
10000
Ch.1 (vo1.-max.)
RL=8Ω
RG=10kΩ
Din audio filter
VSTN-BY=5V
VO1.=0V/1.25V
800
200
40
0
700
600
300
100
500
Input Impedance, RG (Ω)
Ch.2 (vo1.-max .)
Ch.1,Ch.2
Ch.1 (FLAT),Ch.2 (FLAT )
0
1200
2
0
6
4
400
1000
800
200
14
VNO -Vo1.
Volume Voltage, Vo1 (V)
600
0
Ch.2 (FLAT)
812
10
Ch.1, Ch.2
Vcc=8V
RL=8Ω
RG=10kΩ
Din audio Filter
VSTN-BY=5V
Ch.1 (FLAT)
0.10
1
0
3
2
0.04
0.06
0.09
0.08
0.05
0.03
ID – VSTN-BY
Standby Voltage, VSTN-BY (V)
0.07
45
ICQ
0.02
0.01
0.00
Vcc=8V
RL=8Ω
RG=10kΩ
V01=0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com