Electronic Components Datasheet Search
  English  ▼

X  

1233 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 1233
Description  LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1233 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 1233 Datasheet HTML 2Page - Unisonic Technologies 1233 Datasheet HTML 3Page - Unisonic Technologies 1233 Datasheet HTML 4Page - Unisonic Technologies 1233 Datasheet HTML 5Page - Unisonic Technologies 1233 Datasheet HTML 6Page - Unisonic Technologies 1233 Datasheet HTML 7Page - Unisonic Technologies 1233 Datasheet HTML 8Page - Unisonic Technologies 1233 Datasheet HTML 9Page - Unisonic Technologies 1233 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1233
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
9
www.unisonic.com.tw
QW-R107-023,,E
TYPICAL MAIN CHARACTERISTICS (cont.)
100
2
0
6
4
60
90
80
50
14
Att - Vcc
Supply Voltage, Vcc (V)
70
812
10
PoUT=0.5W
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTB=5V
Vo1.=0V
40
Ch.1,Ch.2
100
10
1
1000
100
50
70
90
80
60
40
Att - VIN
Ch.2
Ch.1
Vcc=8V
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTN-BY=5V
Vo1.=0V
100
100
10
10000
1000
70
80
95
90
75
65
Att - f
Frequency, f (Hz)
85
100000
Ch.1,Ch.2
60
55
50
Vcc=8V
PoUT=0.5W
RL=8Ω
RG=10kΩ
VSTN-BY=5V
Vo1.=0V
0
0.2
0.0
0.6
0.4
60
40
10
20
50
70
Att - Vo1.
Volume Voltage, Vo1 (V)
30
0.8
1.0
Ch.1,Ch.2
80
90
1.2
1.4
Vcc=8V
PoUT=0.5W
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTN-BY=5V
Input Voltage, VIN ( mV [rms] )
10
0.2
0.0
0.6
0.4
1
0.1
1.4
THD - Vo1.
Volume Voltage, Vo1 (V)
0.01
0.8
1.2
1.0
Vcc=8V
Ro=0.5Ω
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
RG=10kΩ
VSTN-BY=5V
Ch.1,Ch.2
100
10
11000
100
10
10000
GV -VIN
1
Input Voltage, VIN ( mV [rms] )
Ch.1,Ch.2
Vcc=8V
f=1kHz
RL=8Ω
400Hz HPF
30kHz LPF
Both ch.input
RG=10kΩ
VSTB=5V
Vo1.=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com