Electronic Components Datasheet Search
  English  ▼

X  

2905744 Datasheet(PDF) 39 Page - PHOENIX CONTACT

Part # 2905744
Description  QUINT4-PS/24DC/24DC/20/SC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905744 Datasheet(HTML) 39 Page - PHOENIX CONTACT

Back Button 2905744 Datasheet HTML 35Page - PHOENIX CONTACT 2905744 Datasheet HTML 36Page - PHOENIX CONTACT 2905744 Datasheet HTML 37Page - PHOENIX CONTACT 2905744 Datasheet HTML 38Page - PHOENIX CONTACT 2905744 Datasheet HTML 39Page - PHOENIX CONTACT 2905744 Datasheet HTML 40Page - PHOENIX CONTACT 2905744 Datasheet HTML 41Page - PHOENIX CONTACT 2905744 Datasheet HTML 42Page - PHOENIX CONTACT 2905744 Datasheet HTML 43Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
QUINT4-PS/24DC/24DC/20/SC
108837_en_01
PHOENIX CONTACT 39 / 49
14.3 Description of signaling
14.3.1 Output voltage
Signals whether the output voltage is in the preset range. If
the output voltage of the power supply falls below the set
threshold value, the signal state changes.
Example of use
Indicates whether the connected load is being supplied.
Used to quickly detect a load circuit that is not being
supplied (e.g., in the event of mains failure or short circuit in
the supply line).
14.3.2 Output current
If the output current of the power supply exceeds the set
threshold value, the signal state changes.
Example of use
In the case of system extensions, loads are added. This
increases the utilization of the power supply. Preventive
function monitoring detects critical operating states in good
time. Action can be taken before system downtime occurs.
14.3.3 Output power
If the output power of the power supply exceeds the set
threshold value, the signal state changes.
Example of use
In the case of system extensions, loads are added. This
increases the utilization of the power supply. Preventive
function monitoring detects critical operating states in good
time. Action can be taken before system downtime occurs.
14.3.4 Operating hours
Ifthepresetoperating time ofthe power supplyis exceeded,
the signal state changes.
Example of use
For systems with a very long operating time, such as wind
turbine generators or refineries, maintenance intervals are
planned. You can even schedule the maintenance date
during configuration based on the ambient temperature and
utilization of the power supply.
14.3.5 Early warning of high temperature
Before the power supply protects itself through power
derating in the event of an overtemperature, the signal state
changes.
Example of use
Outdoor control cabinets can reach a high internal
temperaturedependingonthepositionofthesun.Thesame
is true if a control cabinet fan or cooling system fails. In the
event of any form of overtemperature, the power supply
provides a warning by means of this signal, well before the
supply of the loads is in any danger.
Specifications regarding the available output power (see
derating section).
14.3.6 Voltage limitation active
If the circuit inside the device for protecting against surge
voltages is activated at the output, the signal state changes.
Example of use
Normative requirements stipulate that an upper voltage limit
must be observed at the output in the event of an error. It
must therefore be ensured, for example, that safety-related
controllers are not supplied with an output voltage that
exceeds 32 V DC, even in the event of an error. If foreign
bodies (ferrules, screws, etc.) enter the power supply and
generate an error, the signal state changes.
14.3.7 Input voltage OK
Signals whether the input voltage is in the preset range. If
the input voltage of the power supply falls below the set
threshold value, the signal state changes.
Example of use
Indicateswhether thepowersupplyisbeing fedaccordingly.
Used to quickly detect undershooting of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com