Electronic Components Datasheet Search
  English  ▼

X  

2905744 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 2905744
Description  QUINT4-PS/24DC/24DC/20/SC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905744 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 2905744 Datasheet HTML 17Page - PHOENIX CONTACT 2905744 Datasheet HTML 18Page - PHOENIX CONTACT 2905744 Datasheet HTML 19Page - PHOENIX CONTACT 2905744 Datasheet HTML 20Page - PHOENIX CONTACT 2905744 Datasheet HTML 21Page - PHOENIX CONTACT 2905744 Datasheet HTML 22Page - PHOENIX CONTACT 2905744 Datasheet HTML 23Page - PHOENIX CONTACT 2905744 Datasheet HTML 24Page - PHOENIX CONTACT 2905744 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
QUINT4-PS/24DC/24DC/20/SC
108837_en_01
PHOENIX CONTACT 21 / 49
8.3.2 Mounting the universal DIN rail adapter
Tomounttheuniversal DIN rail adapter on theleftside ofthe
device, proceed as follows:
1. Position the universal DIN rail adapter on the left side of
the housing so that the mounting holes are congruent
with the hole pattern for the mounting holes.
2. InserttheTorxscrewsthatwereremovedearlierinto the
appropriate hole pattern on the universal DIN rail
adapter so that the necessary drill holes on the power
supply can be accessed.
3. Screw the universal DIN rail adapter onto the power
supply.
Figure 10 Mounting the universal DIN rail adapter
8.4
Retrofitting the universal wall adapter
The UWA 182/52 universal wall adapter (Order No.
2938235) or UWA 130 universal wall adapter (Order No.
2901664) is used to attach the power supply directly to the
mounting surface.
The use of universal wall adapters is recommended under
extreme ambient conditions, e.g., strong vibrations. Thanks
to the tightscrew connection between the power supply and
the universal wall adapter or theactual mounting surface,an
extremely high level of mechanical stability is ensured.
8.4.1 Mounting the UWA 182/52 universal wall
adapter
Proceed as follows to disassemble the universal DIN rail
adapter that comes pre-mounted:
1. Remove the screws for the universal DIN rail adapter
using a suitable screwdriver (Torx 10).
2. Separate the universal DIN rail adapter from the rear of
the power supply.
3. Position the universal wall adapter in such a way that
the keyholes or oval tapers face up. The mounting
surface for the power supply is the raised section of the
universal wall adapter.
4. Place the power supply on the universal wall adapter in
the normal mounting position (input voltage connection
terminal blocks below).
5. Insert the Torx screws into the appropriate hole pattern
on the universal wall adapter so that the necessary
mounting holes on the power supply can be accessed.
6. Screw the universal wall adapter onto the power supply.
Figure 11 Mounting the UWA 182/52 universal wall
adapter
The maximum tightening torque of the Torx screw
(Torx® T10) is 0.7 Nm.
The power supply is attached to the UWA 182 or
UWA 130 universal wall adapter by means of the
Torx screws of the universal DIN rail adapter.
The maximum tightening torque of the Torx screw
(Torx® T10) is 0.7 Nm.
Make sure you use suitable mounting material
when attaching to the mounting surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com