Electronic Components Datasheet Search
  English  ▼

X  

2905744 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2905744
Description  QUINT4-PS/24DC/24DC/20/SC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905744 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2905744 Datasheet HTML 1Page - PHOENIX CONTACT 2905744 Datasheet HTML 2Page - PHOENIX CONTACT 2905744 Datasheet HTML 3Page - PHOENIX CONTACT 2905744 Datasheet HTML 4Page - PHOENIX CONTACT 2905744 Datasheet HTML 5Page - PHOENIX CONTACT 2905744 Datasheet HTML 6Page - PHOENIX CONTACT 2905744 Datasheet HTML 7Page - PHOENIX CONTACT 2905744 Datasheet HTML 8Page - PHOENIX CONTACT 2905744 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
Description
DC/DC converter
QUINT4-PS/24DC/24DC/20/SC
© PHOENIX CONTACT
Data sheet
QUINT POWER DC/DC converters with SFB Technology
and preventive function monitoring ensure superior system
availability.
Powerful
– SFB Technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Preventive
– Comprehensive signaling:
Analog signal, digital signal, relay contact, LED bar
graph
Flexible connection technology
– Tried-and-tested screw connection
– Fast Push-in connection
Technical data (short form)
Input voltage range
24 V DC -25 % ... +40 %
Mains buffering
typ. 16 ms (24 V DC)
Nominal output voltage (UN)
24 V DC
Setting range of the output voltage
(USet)
24 V DC ... 29.5 V DC
Nominal output current (IN)
Static Boost (IStat.Boost)
Dynamic Boost (IDyn.Boost)
Selective Fuse Breaking (ISFB)
20 A
25 A
30 A (5 s)
120 A (15 ms)
Output power (PN)
Output power (PStat.Boost)
Output power (PDyn.Boost)
480 W
600 W
720 W (5 s)
Efficiency
typ. 94.7 % (24 V DC)
Residual ripple
< 50 mVPP
MTBF (IEC 61709, SN 29500)
> 577000 h (40 °C)
Ambient temperature (operation)
-25 °C ... 70 °C
-40°C (startup type tested)
> 60 °C Derating: 2.5 %/K
Dimensions W/H/D
70 mm / 130 mm / 125 mm
Weight
1.2 kg
All technical specifications are nominal values and refer to a room temperature of 25 °C and 70 % relative humidity
at 100 m above sea level.
108837_en_01
2020-10-23


Similar Part No. - 2905744

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905744 PHOENIX-2905744 Datasheet
282Kb / 9P
Electronic device circuit breaker - CBM E8 24DC/0.5-10A NO-R
2905744 PHOENIX-2905744 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
2905744 PHOENIX-2905744 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
2905744 PHOENIX-2905744 Datasheet
868Kb / 50P
QUINT4-PS/24DC/24DC/20/SC/
2020-10-13
2905744 PHOENIX-2905744 Datasheet
1Mb / 49P
QUINT4-PS/24DC/24DC/10/PT/CO
2021-05-04
More results

Similar Description - 2905744

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
2904597 PHOENIX-2904597 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2904598 PHOENIX-2904598 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2904599 PHOENIX-2904599 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
1046805 PHOENIX-1046805 Datasheet
319Kb / 12P
DC/DC converters - QUINT4-PS/24DC/24DC/20/SC
02/16/2021
109251 PHOENIX-109251 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
109252 PHOENIX-109252 Datasheet
868Kb / 50P
QUINT4-PS/24DC/24DC/20/SC/
2020-10-13
107721 PHOENIX-107721 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2017-12-13
107722 PHOENIX-107722 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
2018-01-17
107720 PHOENIX-107720 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2017-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com