Electronic Components Datasheet Search
  English  ▼

X  

2905744 Datasheet(PDF) 47 Page - PHOENIX CONTACT

Part # 2905744
Description  QUINT4-PS/24DC/24DC/20/SC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905744 Datasheet(HTML) 47 Page - PHOENIX CONTACT

Back Button 2905744 Datasheet HTML 41Page - PHOENIX CONTACT 2905744 Datasheet HTML 42Page - PHOENIX CONTACT 2905744 Datasheet HTML 43Page - PHOENIX CONTACT 2905744 Datasheet HTML 44Page - PHOENIX CONTACT 2905744 Datasheet HTML 45Page - PHOENIX CONTACT 2905744 Datasheet HTML 46Page - PHOENIX CONTACT 2905744 Datasheet HTML 47Page - PHOENIX CONTACT 2905744 Datasheet HTML 48Page - PHOENIX CONTACT 2905744 Datasheet HTML 49Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
QUINT4-PS/24DC/24DC/20/SC
108837_en_01
PHOENIX CONTACT 47 / 49
16.4 Position-dependent derating
The fanless convection-cooled power supply can be snapped onto all DIN rails according to EN 60715.
16.4.1 Normal mounting position
16.4.2 Rotated mounting position 90° Z-axis
The power supply should be mounted horizontally for heat dissipation reasons (DC connection terminal blocks
facing downward). Please observe the derating for any mounting other than the normal mounting position. Reduce
the output power based on the prevailing ambient temperature.
The recommended output power for different mounting positions and ambient temperatures can be found in the
characteristic curves below.
Exceeding these values will reduce the service life of the power supply.
Z
X
Y
> 1
00%
Boo
st
> 7
5%
P
out
U
In
> 5
0%
DC
OK
U
Out
Sig
nal
13
14
Re
m
SG
nd
Out
1
Out
2
3.1
3.2
3.3
3.4
3.5
3.6
[°C]
-25 0
10203040506070
0
25
50
75
100
125
150
175
= P
N
100 %
= P
Dyn. 150 %
= P
125 %
Stat.
Z
X
Y
QUINT
PO
WER
Ord
.N
o.x
xxx
xxx
= P
N
100 %
= P
Dyn. 150 %
= P
125 %
Stat.
[°C]
-25 0
10203040506070
0
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com