Electronic Components Datasheet Search
  English  ▼

X  

2905744 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2905744
Description  QUINT4-PS/24DC/24DC/20/SC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905744 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2905744 Datasheet HTML 9Page - PHOENIX CONTACT 2905744 Datasheet HTML 10Page - PHOENIX CONTACT 2905744 Datasheet HTML 11Page - PHOENIX CONTACT 2905744 Datasheet HTML 12Page - PHOENIX CONTACT 2905744 Datasheet HTML 13Page - PHOENIX CONTACT 2905744 Datasheet HTML 14Page - PHOENIX CONTACT 2905744 Datasheet HTML 15Page - PHOENIX CONTACT 2905744 Datasheet HTML 16Page - PHOENIX CONTACT 2905744 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
QUINT4-PS/24DC/24DC/20/SC
108837_en_01
PHOENIX CONTACT 13 / 49
Asymmetrical conducted disturbance variables EN 61000-4-16
Input, Output, Signals 15 Hz ... 150 Hz , 10 V on 1 V
150 Hz ... 1.5 kHz , 1 V
1.5 kHz... 15 kHz, 1 V on 10 V
15 kHz ... 150 kHz , 10 V
( Test Level 3 )
15 Hz ... 150 Hz , 10 V on 1 V
150 Hz ... 1.5 kHz , 1 V
1.5 kHz... 15 kHz, 1 V on 10 V
15 kHz ... 150 kHz , 10 V
( Test Level 3 )
50 Hz , 60 Hz , 10 V
(Permanent)
50 Hz , 60 Hz , 100 V (1 s)
( Test Level 3 )
16.7 Hz,50Hz,60Hz,150 Hz,
180 Hz , 10 V (Permanent)
0 Hz , 16.7 Hz , 50 Hz , 60 Hz ,
100 V (1 s)
( Test Level 3 )
Comments
Criterion A
Criterion A
Alternating component of DC voltage EN 61000-4-17
Alternating component
10 % (UN) , 50 Hz
15 % (UN) , 50 Hz , 100 Hz ,
150 Hz
14 % (UN) , 300 Hz
Comments
Criterion B
Criterion A
Attenuated oscillating wave EN 61000-4-18
Input, Output 1 MHz 0.5 kV ( Test Level 2 -
symmetrical )
100 kHz, 1 MHz, 0.5 kV( Test
Level 2 - symmetrical )
1 MHz , 1 kV 10 MHz 0.5 kV
( Test Level 2 - asymmetrical )
100 kHz , 1 MHz , 1 kV
10 MHz , 0.5 kV
( Test Level 2 - asymmetrical )
Signals
1 MHz , 0.5 kV
( Test Level 2 - symmetrical )
100 kHz , 1 MHz , 0.5 kV
( Test Level 2 - symmetrical )
1 MHz , 1 kV
( Test Level 2 - asymmetrical )
100 kHz , 1 MHz , 1 kV
( Test Level 2 - asymmetrical )
Comments
Criterion B
Criterion A
Voltage dips EN 61000-4-29
Input voltage ( 24 V DC )
Voltage dip 70 % , 100 ms ( Test Level 2 ) 70 % , 100 ms ( Test Level 2 )
Comments
Criterion C
Criterion A
Voltage dip 40 % , 100 ms ( Test Level 2 ) 40 % 100 ms ( Test Level 2 )
Comments
Criterion C
Criterion B
Voltage dip 0 % , 50 ms ( Test Level 2 )
0 % , 50 ms ( Test Level 2 )
Comments
Criterion B
Criterion B
Additional basic standard EN 61000-6-5 (immunity in power station), IEC/EN 61850-3 (energy supply)
Basic standard
Minimum normative
requirements of
EN 61000-6-5
Higher requirements in
practice (covered)
Key
Criterion A
Normal operating behavior within the specified limits.
Criterion B
Temporary impairment to operational behavior that is corrected by the device itself.
Criterion C
Temporary adverse effects on the operating behavior, which the device corrects
automatically or which can be restored by actuating the operating elements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com