Electronic Components Datasheet Search
  English  ▼

X  

BLF989 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF989
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF989 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF989_BLF989S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 24 May 2019
3 of 13
BLF989; BLF989S
UHF power LDMOS transistor
5. Thermal characteristics
[1]
Measured in a broadband application circuit, using DVB-T (8k OFDM) signal; PAR (of output signal) at
0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on CCDF.
6. Characteristics
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =90 C; VDS =50V;
PL = 135 W; PAR = 8 dB
[1] 0.13 K/W
Table 6.
DC characteristics
Tj =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0 V; ID = 2.4 mA
108
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 240 mA 1.5
2.2
2.5
V
IDSS
drain leakage current
VGS =0 V; VDS =50V
-
-
2.8
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
-41
-
A
IGSS
gate leakage current
VGS =10 V; VDS =0V
-
-
280
nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) +3.75 V;
ID =8.5 A
-90
-
m
Table 7.
AC characteristics
Tj =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
Ciss
input capacitance
VGS = 0 V; VDS = 50 V; f = 1 MHz -
368
-
pF
Coss
output capacitance
VGS = 0 V; VDS =50 V; f=1MHz -
69
-
pF
Crss
reverse transfer capacitance VGS = 0 V; VDS =50 V; f=1MHz -
0.86
-
pF
Table 8.
RF characteristics
RF characteristics in Ampleon production test circuit, Tcase =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ Max Unit
DVB-T (8k OFDM), class-AB operation
VDS
drain-source voltage
-
50
-
V
IDq
quiescent drain current
per section
-
650 -
mA
PL(AV)
average output power
f = 700 MHz
135
-
-
W
Gp
power gain
f = 700 MHz
21.5 22.5 -
dB
D
drain efficiency
f = 700 MHz
32
35
-
%
ACPR
adjacent channel power ratio
f = 700 MHz
-
30 27 dBc
PAR
peak-to-average ratio
f = 700 MHz
-
8
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com