Electronic Components Datasheet Search
  English  ▼

X  

BLF989 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF989
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF989 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLF989_BLF989S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 24 May 2019
4 of 13
BLF989; BLF989S
UHF power LDMOS transistor
7. Test information
7.1 Ruggedness in class-AB operation
The BLF989 and BLF989S are capable of withstanding a load mismatch corresponding to
VSWR
 40 : 1 through all phases under the following conditions: VDS =60 V;
f = 700 MHz; PL = 135 W: DVB-T; PAR = 8 dB.
7.2 Test circuit
Printed-Circuit Board (PCB): RO4350B:
r = 3.48 F/m; height = 0.762 mm; Cu (top/bottom metallization); thickness copper
plating = 35
m. See Table 9 for a list of components.
Fig 1.
PCB and component layout of production RF test circuit
150.3 mm
80 mm
C1 C3 C5
C6
C4
C2
C7
C8
C9
C11
C12
C13
C14
C15
C16
C10
C17
C19
C23
C21
R1
C18
R2
C20
C22
C24
C31
C32
C33
C34
C35
C36
C37
R3
R4
R5
R6
amp00755
T1
T2
Table 9.
List of components
See Figure 1 for component layout.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor 12 pF
ATC800R
C2, C3,C4,C5,C6
multilayer ceramic chip capacitor 8.2 pF
ATC800R
C7
multilayer ceramic chip capacitor 6.8 pF
ATC800B
C8
multilayer ceramic chip capacitor 2.7 pF
ATC800B
C9
multilayer ceramic chip capacitor 22 pF
ATC800B
C10, C13, C14
multilayer ceramic chip capacitor 100 pF
ATC180R
C11, C12
multilayer ceramic chip capacitor 10 pF
ATC800B
C15, C16
multilayer ceramic chip capacitor 4.7
F, 50 V
Kemet: C1210X475K5RAC-TU or similar
C17, C18, C23, C24
multilayer ceramic chip capacitor 100 pF
ATC800B
C19, C20
multilayer ceramic chip capacitor 10
F, 50 V
TDK: C570X7R1H106KT000N or similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com