Electronic Components Datasheet Search
  English  ▼

X  

BLF989 Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLF989
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989 Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLF989 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 13Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BLF989_BLF989S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 24 May 2019
10 of 13
BLF989; BLF989S
UHF power LDMOS transistor
9. Handling information
[1]
CDM classification C2A is granted to any part that passes after exposure to an ESD pulse of 500 V.
[2]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V.
10. Abbreviations
11. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 10.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C2A [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [2]
Table 11.
Abbreviations
Acronym
Description
CCDF
Complementary Cumulative Distribution Function
CTTB
China Terrestrial Television Broadcasting
DVB-T
Digital Video Broadcast - Terrestrial
ESD
ElectroStatic Discharge
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MTF
Median Time to Failure
OFDM
Orthogonal Frequency Division Multiplexing
PAR
Peak-to-Average Ratio
RoHS
Restriction of Hazardous Substances
SMD
Surface Mounted Device
TTF
Time To Failure
UHF
Ultra High Frequency
VSWR
Voltage Standing Wave Ratio
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLF989_BLF989S v.3
20190524
Product data sheet
-
BLF989_BLF989S v.2
Modifications
• Table 1 on page 1: third row added
• Section 7.3.4 on page 7: section added
BLF989_BLF989S v.2
20190122
Product data sheet
-
BLF989_BLF989S v.1
BLF989_BLF989S v.1
20180907
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com