Electronic Components Datasheet Search
  English  ▼

X  

BLF989 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF989
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF989 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BLF989_BLF989S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 24 May 2019
5 of 13
BLF989; BLF989S
UHF power LDMOS transistor
7.3 Graphical data
7.3.1 Pulsed CW performance measured in class-AB broadband application
C21, C22
electrolytic capacitor
470
F, 63 V
C31
multilayer ceramic chip capacitor 18 pF
ATC800A
C32
multilayer ceramic chip capacitor 13 pF
ATC800A
C33, C34, C35
multilayer ceramic chip capacitor 100 pF
ATC100A
C36, C37
multilayer ceramic chip capacitor 4.7
F, 50 V
TDK: C4532X7R1E475MT020U or similar
R1, R2
wire resistor
10
R3, R4
SMD resistor
5.6
R5, R6
wire resistor
100
T1, T2
semi rigid coax
25
, 60 mm
EZ90-25
Table 9.
List of components …continued
See Figure 1 for component layout.
Component
Description
Value
Remarks
VDS = 50 V; IDq =2  650 mA; tp = 100 s;  = 10 %.
(1) PL(1dB)
(2) PL(2dB)
(3) PL(3dB)
(4) PL(6dB)
Fig 2.
Output power at gain compression as a function of frequency; typical values
amp00757
450
500
550
600
650
700
750
0
200
400
600
800
1000
1200
f (MHz)
PL
PL
(W)
(W)
(W)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com