Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 13Page - NXP Semiconductors KMA321 Datasheet HTML 14Page - NXP Semiconductors KMA321 Datasheet HTML 15Page - NXP Semiconductors KMA321 Datasheet HTML 16Page - NXP Semiconductors KMA321 Datasheet HTML 17Page - NXP Semiconductors KMA321 Datasheet HTML 18Page - NXP Semiconductors KMA321 Datasheet HTML 19Page - NXP Semiconductors KMA321 Datasheet HTML 20Page - NXP Semiconductors KMA321 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
8-bit ID
12-bit code
Definition
Comment
95h
000h to FFFh
OEM code 6
user-programmable data content
Table 28. OEM_CODE_6[11:0] – OEM code 6 message
8-bit ID
12-bit code
Definition
Comment
96h
000h to FFFh
OEM code 7
user-programmable data content
Table 29. OEM_CODE_7[11:0] – OEM code 7 message
8-bit ID
12-bit code
Definition
Comment
97h
000h to FFFh
OEM code 8
user-programmable data content
Table 30. OEM_CODE_8[11:0] – OEM code 8 message
8.11 SENT diagnostic
The SENT standard specifies different methods to transmit diagnostic information. These
methods are used in multiple combinations, depending on the SENT revision, protocol
format, and device configuration.
8.11.1 STATUS nibble diagnostic
Bit 0 and bit 1 of the STATUS nibble can be used to signal the diagnostic state while the
DATA nibbles still contain an angular value at the same time. The CRC nibble does not
include the STATUS nibble, thus the receiver do not detect an erroneous STATUS nibble.
8.11.1.1 Diagnostic bit
The device defines bit 0 of the STATUS nibble as diagnostic bit. In case the device is in
diagnostic mode the diagnostic bit is set to logic 1.
The diagnostic bit can be disabled and permanently set to logic 0 via the mask STATUS
nibble bits in the SENT_SETTING2 register in the non-volatile memory; see Table 51.
8.11.1.2 Pre-warning bit
Bit 1 is a pre-warning indication which is set while the device is still in normal mode, but
one of the following conditions occurred:
• The angular value is above the programmed upper out of range (OOR) threshold;
see Table 53.
• The angular value is below the programmed lower OOR threshold; see Table 53.
• Corrected single-bit error of the non-volatile memory (EDC); see Section 10.1.
• The temperature is above the programmed temperature threshold; see Table 51.
• Overvoltage: The supply voltage is above the programmed upper voltage threshold;
see Table 51.
• Undervoltage: The supply voltage is below the programmed lower voltage threshold;
see Table 51.
The pre-warning bit can be disabled and permanently set to logic 0 via the mask STATUS
nibble bits in the SENT_SETTING2 register in the non-volatile memory; see Table 51.
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
17 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com