Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 42Page - NXP Semiconductors KMA321 Datasheet HTML 43Page - NXP Semiconductors KMA321 Datasheet HTML 44Page - NXP Semiconductors KMA321 Datasheet HTML 45Page - NXP Semiconductors KMA321 Datasheet HTML 46Page - NXP Semiconductors KMA321 Datasheet HTML 47Page - NXP Semiconductors KMA321 Datasheet HTML 48Page - NXP Semiconductors KMA321 Datasheet HTML 49Page - NXP Semiconductors KMA321 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
16.5 Registers
16.5.1 Signatures
The command mode can be entered with different signatures with different access rights
to the non-volatile memory regions. Table 49 shows the level of access for the different
regions of the non-volatile memory depending on the signature used.
Signature
Value
Command
registers
Customer area
1
Customer area
2
Customer area
3
Traceability
register
A (OEM)
7253h
R/W
-/-
-/-
R/W
-/-
B (tier 1)
8364h
R/W
R/W
R/W
R/W
R/-
Table 49. Signatures
16.5.2 Command registers
To enter the command mode, write the signature given in Table 49 into the specific
register using the OWI. Do this procedure as described in Section 16.3.3, with a write
command, the signature follows it, but after a power-on reset and not later than tcmd(ent).
Command
write/read
Register
Bit
Access
Description
15
R
diagnostic error detected
14
R
diagnostic error detected in data path
13
R/W
force diagnostic mode off (no signaling)
0b – enable
1b – disable
12
R
low voltage detected
11
R
high voltage detected
10
R
single-bit error of non-volatile memory detected and corrected
9
R
double-bit error of non-volatile memory detected
8
R
checksum error of customer area 1, 2 or 3 detected
7
R
oscillator frequency out of range detected
6
R
voltage above programmed threshold detected
5
R
voltage below programmed threshold detected
4
R
temperature above programmed threshold detected
3
W
undefined[1]
2
R
command mode signature A (OEM) detected
1
R
command mode signature B (tier 1) detected
B0h/B1h
CTRL1
0
R
reserved
Table 50. Command registers
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
46 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com