Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 61Page - NXP Semiconductors KMA321 Datasheet HTML 62Page - NXP Semiconductors KMA321 Datasheet HTML 63Page - NXP Semiconductors KMA321 Datasheet HTML 64Page - NXP Semiconductors KMA321 Datasheet HTML 65Page - NXP Semiconductors KMA321 Datasheet HTML 66Page - NXP Semiconductors KMA321 Datasheet HTML 67Page - NXP Semiconductors KMA321 Datasheet HTML 68Page - NXP Semiconductors KMA321 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
27 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
KMA321_A v.6
20220518
Product data sheet
CIN 202205012I
KMA321_A v.5
Modifications:
• Figure 31: updated
KMA321_A v.5
20201111
Product data sheet
-
KMA321_A v.4
Modifications:
• Table 51 note 4: added
KMA321_A v.4
20201029
Product data sheet
-
KMA321_A v.3
Modifications:
• Table 53: updated
• Figure 31: updated
KMA321_A v.3
20200630
Product data sheet
-
KMA321_A v.2
Modifications:
• Figure 31: updated
KMA321_A v.2
20200507
Product data sheet
-
KMA321_A v.1
Modifications:
• Figure 31: updated
• Example for equation 15 for angular range 180° updated
KMA321_A v.1
20191106
Product data sheet
-
-
Table 67. Revision history
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
65 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com