Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 9Page - NXP Semiconductors KMA321 Datasheet HTML 10Page - NXP Semiconductors KMA321 Datasheet HTML 11Page - NXP Semiconductors KMA321 Datasheet HTML 12Page - NXP Semiconductors KMA321 Datasheet HTML 13Page - NXP Semiconductors KMA321 Datasheet HTML 14Page - NXP Semiconductors KMA321 Datasheet HTML 15Page - NXP Semiconductors KMA321 Datasheet HTML 16Page - NXP Semiconductors KMA321 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
H.3
D0[1]
D1
D2
D3[2]
12-bit value
Angle/mode
0000
0000
0000
0000
0
initialization
0000
0000
0000
0001
1
0°
:
:
:
:
:
:
0111
0111
0111
0000
4088
αmax
0111
0111
0111
0001
4089
reserved
0111
0111
0111
0010
4090
diagnostic mode[3]
0111
0111
0111
:
:
reserved
0111
0111
0111
0111
4095
reserved
Table 13. DATA nibbles D0 to D3: angular value
[1]
MSN.
[2]
LSN.
[3]
For detailed diagnostic information, the serial data communication can be enabled.
For the 12-bit high-speed mode H.3, the clamping levels must be set to the correct
values to comply with the SAE J2716 SENT specification. CLAMP_HIGH = 4088,
CLAMP_LOW = 1. Otherwise angular values overwrite the reserved data range for
diagnostic information.
8.10 Enhanced serial data communication
Beside the normal message transmission, also a slow serial data communication is
realized using bit 2 and bit 3 of the STATUS nibble. The slow channel message stretches
over 18 consecutive SENT frames and contains sensor temperature, supply voltage,
diagnostic/status information, and user-programmable messages. These messages
comply with the enhanced serial data message format with 8-bit message ID and 12-bit
message data described in the SAE J2716 SENT specification. Table 14 shows the serial
message cycle that is constantly repeated when enhanced serial data communication is
enabled.
Message number in serial
message cycle
8-bit message
ID
Definition
Comment
1
01h
diagnostic status code
see Table 15
2
23h
sensor temperature
see Table 21
3
1Ch
supply voltage
see Table 20
4
03h
sensor type
see Table 17
5
29h
sensor ID
see Table 22
6
05h
manufacturer code
see Table 18
7
06h
SENT revision
see Table 19
8
01h
diagnostic status code
see Table 15
9
23h
sensor temperature
see Table 21
10
1Ch
supply voltage
see Table 20
11
90h
OEM code 1
see Table 23
Table 14. Serial message schedule
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
13 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com