Electronic Components Datasheet Search
  English  ▼

X  

KMA321 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # KMA321
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 51Page - NXP Semiconductors KMA321 Datasheet HTML 52Page - NXP Semiconductors KMA321 Datasheet HTML 53Page - NXP Semiconductors KMA321 Datasheet HTML 54Page - NXP Semiconductors KMA321 Datasheet HTML 55Page - NXP Semiconductors KMA321 Datasheet HTML 56Page - NXP Semiconductors KMA321 Datasheet HTML 57Page - NXP Semiconductors KMA321 Datasheet HTML 58Page - NXP Semiconductors KMA321 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
Examples:
• Clamp range 80 %VDD = 1000h
• Clamp range 90 %VDD = 1200h (default)
• Clamp range 95 %VDD = 1300h
SENSOR_TYPE
12-bit code
Definition
0000b (default)
051h[1]
acceleration pedal position 1 or acceleration pedal position 2
0001b
052h[1]
acceleration pedal position 1 or secure sensor
0010b
053h[1]
acceleration pedal position 2 (redundant signal) or secure sensor
0011b
054h[1]
throttle position 1 or throttle position 2
0100b
055h[1]
throttle position 1 or secure sensor
0101b
056h[1]
throttle position 2 (redundant signal) or secure sensor
0110b
059h[1]
angle position
0111b
05Ah[1]
angle position or secure sensor
1000b
062h[2]
angle position (high speed) H.3 protocol format
1001b
063h[2]
angle position 1 or angle position 2 H.1 protocol format
1010b
064h[2]
angle position or secure sensor H.4 protocol format
1011b
066h[2]
reserved for angle position sensors
1101b to 1111b
000h
reserved
Table 62. SENSOR_TYPE
[1]
Compliant with SAE JAN2010 rev 3 only.
[2]
Compliant with SAE APR2016 rev 4 only.
PROTOCOL_FORMAT
Protocol
Description
SENT revision
000b
A.1
dual throttle position sensor
JAN2010 rev 3
001b
A.3
single secure sensor
JAN2010 rev 3
010b
H.1
dual throttle position sensor[1]
APR2016 rev 4
011b
H.3
high-speed 12-bit fast channel
APR2016 rev 4
100b (default)
H.4
single secure sensor[2]
APR2016 rev 4
Table 63. PROTOCOL_FORMAT
[1]
This format uses the same data mapping as the A.1 protocol but excludes the reserved diagnostic values from the data range as defined in
APR2016 rev 4 specification.
[2]
This format uses the same data mapping as the A.3 protocol but excludes the reserved diagnostic values from the data range as defined in
APR2016 rev 4 specification.
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
55 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com