Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 58Page - NXP Semiconductors LPC2387 Datasheet HTML 59Page - NXP Semiconductors LPC2387 Datasheet HTML 60Page - NXP Semiconductors LPC2387 Datasheet HTML 61Page - NXP Semiconductors LPC2387 Datasheet HTML 62Page - NXP Semiconductors LPC2387 Datasheet HTML 63Page - NXP Semiconductors LPC2387 Datasheet HTML 64Page - NXP Semiconductors LPC2387 Datasheet HTML 65Page - NXP Semiconductors LPC2387 Datasheet HTML 66Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
LPC2387
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5.1 — 16 October 2013
62 of 66
NXP Semiconductors
LPC2387
Single-chip 16-bit/32-bit MCU
LPC2387 v.4
20110210
Product data sheet
-
LPC2387 v.3
Modifications:
• Table 3 “Pin description”: Added Table note 9 for XTAL1 and XTAL2 pins.
• Table 3 “Pin description”: Added Table note 10 for RTCX1 and RTCX2 pins.
• Table 4 “Limiting values”: Changed VESD min/max to 2500/+2500.
• Table 7 “Static characteristics”: Removed Rpu.
• Table 7 “Static characteristics”, Table note 13: Changed value from 18 to 33.
• Table 7 “Static characteristics”: Updated min, typical and max values for oscillator pins.
• Table 7 “Static characteristics”: Updated conditions and typical values for IDD(DCDC)pd(3V3),
IBATact; added IDD(DCDC)dpd(3V3) and IBAT.
• Table 7 “Static characteristics”: Changed I2C-bus Vhys typical from 0.5VDD to 0.05VDD.
• Section 2 “Features and benefits”: Added deep power-down information.
• Section 7.2 “On-chip flash programming memory” “On-chip flash programming memory”:
Removed text regarding flash endurance minimum specs.
• Section 7.23 “RTC and battery RAM”: Added deep power-down information.
• Section 7.24.2 “PLL”: Changed input clock frequency max to 25 MHz.
• Section 7.24.3 “Wake-up timer”: Added deep power-down information.
• Section 7.24.4 “Power control”: Added deep power-down information.
• Added Section 7.24.4.4 “Deep power-down mode”.
• Section 7.25.2 “Brownout detection”: Changed VDD(3V3) to VDD(DCDC)(3V3).
• Added Section 9 “Thermal characteristics”.
• Added Section 10.1 “Power-down mode”.
• Added Section 10.2 “Deep power-down mode”.
• Added Section 10.3 “Electrical pin characteristics”.
• Added Section 11.1 “Internal oscillators”.
• Added Section 11.2 “I/O pins”.
• Added Section 11.4 “Flash memory”.
• Added Section 13 “DAC electrical characteristics”.
• Added Section 14.2 “Crystal oscillator XTAL input and component selection”.
• Added Section 14.3 “RTC 32 kHz oscillator component selection”.
• Added Section 14.4 “XTAL and RTCX Printed Circuit Board (PCB) layout guidelines”.
• Added Section 14.5 “Standard I/O pin configuration”.
• Added Section 14.6 “Reset pin configuration”.
• Moved Figure 12 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)” to
below Table 8 “Dynamic characteristics”.
LPC2387 v.3
20081029
Product data sheet
-
LPC2387 v.2
Modifications:
• Added USB host/OTG features
• Table 4: changed storage temperature range from 40 C/125 C to 65 C/150 C.
• Table 6, Vhys, moved 0.4 from Typ to Min column.
• Table 6, VI, added Table note 8.
• Table 6: updated Table note 10.
LPC2387 v.2
20080201
Product data sheet
-
LPC2387 v.1
LPC2387 v.1
20080114
Product data sheet
-
-
Table 19.
Revision history …continued
Document ID
Release date
Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com