| Electronic Components Datasheet Search |
|
LPC2387 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2387 Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 66 page ![]() LPC2387 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5.1 — 16 October 2013 11 of 66 NXP Semiconductors LPC2387 Single-chip 16-bit/32-bit MCU P2[4]/PWM1[5]/ DSR1/TRACESYNC 69[1] I/O P2[4] — General purpose digital input/output pin. O PWM1[5] — Pulse Width Modulator 1, channel 5 output. I DSR1 — Data Set Ready input for UART1. O TRACESYNC — Trace Synchronization. P2[5]/PWM1[6]/ DTR1/TRACEPKT0 68[1] I/O P2[5] — General purpose digital input/output pin. O PWM1[6] — Pulse Width Modulator 1, channel 6 output. O DTR1 — Data Terminal Ready output for UART1. O TRACEPKT0 — Trace Packet, bit 0. P2[6]/PCAP1[0]/RI1/ TRACEPKT1 67[1] I/O P2[6] — General purpose digital input/output pin. I PCAP1[0] — Capture input for PWM1, channel 0. I RI1 — Ring Indicator input for UART1. O TRACEPKT1 — Trace Packet, bit 1. P2[7]/RD2/ RTS1/TRACEPKT2 66[1] I/O P2[7] — General purpose digital input/output pin. I RD2 — CAN2 receiver input. O RTS1 — Request to Send output for UART1. O TRACEPKT2 — Trace Packet, bit 2. P2[8]/TD2/ TXD2/TRACEPKT3 65[1] I/O P2[8] — General purpose digital input/output pin. O TD2 — CAN2 transmitter output. O TXD2 — Transmitter output for UART2. O TRACEPKT3 — Trace Packet, bit 3. P2[9]/ USB_CONNECT/ RXD2/EXTIN0 64[1] I/O P2[9] — General purpose digital input/output pin. O USB_CONNECT — Signal used to switch an external 1.5 k resistor under software control. Used with the SoftConnect USB feature. I RXD2 — Receiver input for UART2. I EXTIN0 — External Trigger Input. P2[10]/EINT0 53[6] I/O P2[10] — General purpose digital input/output pin. Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over control of the part after a reset. I EINT0 — External interrupt 0 input. P2[11]/EINT1/ MCIDAT1/ I2STX_CLK 52[6] I/O P2[11] — General purpose digital input/output pin. I EINT1 — External interrupt 1 input. O MCIDAT1 — Data line for SD/MMC interface. I/O I2STX_CLK — Transmit Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. P2[12]/EINT2/ MCIDAT2/ I2STX_WS 51[6] I/O P2[12] — General purpose digital input/output pin. I EINT2 — External interrupt 2 input. O MCIDAT2 — Data line for SD/MMC interface. I/O I2STX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |