Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments PCM1820 Datasheet HTML 34Page - Texas Instruments PCM1820 Datasheet HTML 35Page - Texas Instruments PCM1820 Datasheet HTML 36Page - Texas Instruments PCM1820 Datasheet HTML 37Page - Texas Instruments PCM1820 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225900/A 06/2020
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RTE0020A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
3.1
2.9
3.1
2.9
0.05
0.00
0.8 MAX
SEATING PLANE
C
(0.1)
SQ
1.4±0.1
1.5
1.5
8X 0.4625
16X
0.5
0.3
16X
0.3
0.2
12X 0.5
8X
0.225
0.125
0.1
C A B
0.05
C
4X (SQ 0.2)
TYP
PIN1 ID
(OPTIONAL)
PIN 1 INDEX AREA
1
4
5
6
9
10
11
14
15
16
19
20
21
PCM1820-Q1, PCM1821-Q1
SBASAH4 – APRIL 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com