Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 36Page - Texas Instruments PCM1820 Datasheet HTML 37Page - Texas Instruments PCM1820 Datasheet HTML 38Page - Texas Instruments PCM1820 Datasheet HTML 39Page - Texas Instruments PCM1820 Datasheet HTML 40Page - Texas Instruments PCM1820 Datasheet HTML 41Page - Texas Instruments PCM1820 Datasheet HTML 42Page - Texas Instruments PCM1820 Datasheet HTML 43Page - Texas Instruments PCM1820 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4225900/A 06/2020
www.ti.com
WQFN - 0.8 mm max height
RTE0020A
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
0.07 MAX
ALL AROUND
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
0.07 MIN
ALL AROUND
4X (0.175)
4X (0.175)
4X (0.575)
4X (0.575)
16X (0.6)
16X (0.25)
8X (0.4625)
12X (0.5)
(SQ 1.4)
(2.8)
(2.8)
2X (0.45)
2X (0.45)
(2.825)
(2.825)
1
4
5
6
9
10
11
14
15
16
19
20
21
(Ø 0.2) VIA
TYP
(R 0.05) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com