Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
8 Detailed Description
8.1 Overview
The PCM182(0/1)-Q1 is a high-performance, low-power, stereo-channel, audio analog-to-digital converter (ADC)
with flexible audio interface control options. This device is intended for applications in automotive head units,
display control unit, Active Noise Cancellation and Acoustic Echo Cancellation applications. The high dynamic
range of the device enables far-field audio recording with high fidelity. This device integrates a host of features
that reduces cost, board space, and power consumption in space-constrained applications. The device features
are controlled through hardware by pulling pins high or low with resistors or a controller general-purpose inut/
output (GPIO). The PCM182(0/1)-Q1 also supports a power-down and reset function by means of halting the
system clock.
The PCM182(0/1)-Q1 consists of the following blocks and features:
• Stereo-channel, multibit, high-performance delta-sigma (ΔΣ) ADC
• Differential audio inputs with a 2-VRMS full-scale signal
• Hardware pin control operation to select the device features
• Audio bus serial interface master or slave select option
• Audio bus serial interface format select option
• Slave mode supports the audio bus serial interface up to 192 kHz sampling
• Slave mode supports a dynamic range enhancer (DRE) with 123-dB dynamic range for the PCM1820-Q1
• Slave mode supports decimation filters with linear-phase or low-latency filter selection
• Master mode operation supported using a system clock of 256 × fS or 512 × fS
• Power-down function by means of halting the audio clocks
• Integrated high-pass filter (HPF) that removes the DC component of the input signal
• Integrated low-jitter phase-locked loop (PLL) supporting a wide range of system clocks
• Integrated digital and analog voltage regulators to support single-supply, 3.3-V operation
8.2 Functional Block Diagram
ADC
Channel-1
Digital
Decimation
Filters
with High Pass
Filter (HPF)
Audio Serial
Interface
(TDM, I2S)
BCLK
FSYNC
SDOUT
IN1M
IN1P
IN2M
IN2P
ADC
Channel-2
Regulators, Current Bias
and Voltage Reference
Clock and Timing
Controller with
Integrated PLL
www.ti.com
PCM1820-Q1, PCM1821-Q1
SBASAH4 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com