Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCM1820:
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 100-mVPP, 1-kHz
signal on both pins and measure level at output
45
dB
PCM1821:
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 100-mVPP, 1-kHz
signal on both pins and measure level at output
60
dB
DIGITAL I/O
VIL
Low-level digital input logic
voltage threshold
All digital pins except FMT0, IOVDD 1.8-V operation
–0.3
0.30 ×
IOVDD
V
All digital pins except FMT0, IOVDD 3.3-V operation
–0.3
0.8
FMT0 Pin
–0.3
0.8
V
VIH
High-level digital input logic
voltage threshold
All digital pins except FMT0, IOVDD 1.8-V operation
0.7 × IOVDD
IOVDD + 0.3
V
All digital pins except FMT0, IOVDD 3.3-V operation
2.1
IOVDD + 0.3
FMT0 Pin
2.1
AVDD + 0.3
V
VOL
Low-level digital output
voltage
All digital pins, IOL = –2 mA, IOVDD 1.8-V operation
0.45
V
All digital pins, IOL = –2 mA, IOVDD 3.3-V operation
0.4
VOH
High-level digital output
voltage
All digital pins, IOH = 2 mA, IOVDD 1.8-V operation
IOVDD –
0.45
V
All digital pins, IOH = 2 mA, IOVDD 3.3-V operation
2.4
IIH
Input logic-high leakage for
digital inputs
All digital pins, input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins, input = 0 V
–5
0.1
5
µA
CIN
Input capacitance for digital
inputs
All digital pins
5
pF
RPD
Pulldown resistance for
digital I/O pins when
asserted on
20
TYPICAL SUPPLY CURRENT CONSUMPTION
IAVDD
Current consumption with
all Clocks disabled
AVDD = 3.3 V, internal AREG
0.5
mA
IIOVDD
All external clocks stopped, IOVDD = 3.3 V
0.5
µA
IIOVDD
All external clocks stopped, IOVDD = 1.8 V
0.3
IAVDD
Current consumption with
ADC 2-channel operating
at fS 16-kHz, BCLK = 256
× fS and DRE disabled
AVDD = 3.3 V, internal AREG
11.9
mA
IIOVDD
IOVDD = 3.3 V
0.05
IIOVDD
IOVDD = 1.8 V
0.02
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, BCLK = 256
× fS and DRE disabled
AVDD = 3.3 V, internal AREG
12.9
mA
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, BCLK = 256
× fS and DRE enabled
AVDD = 3.3 V, internal AREG
14
mA
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the AC signal input shorted to ground, measured
A-weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with a 20-kHz, low-pass filter and, where noted, an A-weighted filter. Failure to use such a filter
may result in higher THD and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
For best distortion performance, use input AC-coupling capacitors with a low-voltage-coefficient.
(4)
Gain drift =gain_variation(in temperature range)/ typical gain value(gain at room temperature) / temperature range × 106 measured
with gain in linear scale.
(5)
Phase drift =phase_deviation(in temperature range)/ (temperature range).
7.5 Timing Requirements: TDM, I2S or LJ Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted); see Figure 7-2 for timing
diagram
MIN
NOM
MAX
UNIT
t(BCLK)
BCLK period
40
ns
www.ti.com
PCM1820-Q1, PCM1821-Q1
SBASAH4 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: PCM1820-Q1 PCM1821-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com