Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 3 Page - Texas Instruments

  TLVM13630 Datasheet HTML 1Page - Texas Instruments TLVM13630 Datasheet HTML 2Page - Texas Instruments TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Device Comparison Table
Device
Orderable Part Number
Rated Output Current
Junction Temperature Range
External Sync(1)
TLVM13620
TLVM13620RDHR
2 A
–40°C to 125°C
No
TLVM13630
TLVM13630RDHR
3 A
–40°C to 125°C
No
TLVM13640
TLVM13640RDLR
4 A
–40°C to 125°C
No
TLVM13660
TLVM13660RDLR
6 A
–40°C to 125°C
No
(1)
See the TPSM63602, TPSM63603, TPSM63604, and TPSM63606 for applications that require clock synchronization, an output
voltage above 6 V, spread-spectrum modulation for EMI mitigation or both.
6 Pin Configuration and Functions
VIN2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
20
19
18
17
NC
EN
PG
RT
AGND
FB
VOUT2
VIN1
SW
CBOOT
RBOOT
VLDOIN
AGND
VCC
VOUT1
PGND
PGND
PGND
PGND
Figure 6-1. 20-Pin QFN RDL Package (Top View)
Table 6-1. Pin Functions
Pin
Type(1)
Description
Name
NO.
VIN1, VIN2
1, 16
P
Input supply voltage. Connect the input supply to these pins. Connect input capacitors between these
pins and PGND in close proximity to the device.
SW
2
O
Switch node. Do not place any external component on this pin or connect to any signal. The amount of
copper placed on this pin must be kept to a minimum to prevent issues with noise and EMI.
CBOOT
3
I/O
Bootstrap pin for the internal high-side gate driver. A 100-nF bootstrap capacitor is internally connected
from this pin to SW within the module to provide the bootstrap voltage. CBOOT is brought out to use in
conjunction with RBOOT to effectively lower the value of the internal series bootstrap resistance to adjust
the switch-node slew rate, if necessary.
RBOOT
4
I/O
External bootstrap resistor connection. Internal to the device, a 100-Ω bootstrap resistor is connected
between RBOOT and CBOOT. RBOOT is brought out to use in conjunction with CBOOT to effectively
lower the value of the internal series bootstrap resistance to adjust the switch-node slew rate, if
necessary.
VLDOIN
5
P
Input bias voltage. Input to the internal LDO that supplies the internal control circuits. Connect to an
output voltage point to improve efficiency. Connect an optional high-quality 0.1-μF to 1-μF capacitor from
this pin to ground for improved noise immunity. If the output voltage is above 12 V, connect this pin to
ground.
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com