Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments TLVM13630 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
7.7 Typical Characteristics
VIN = 24 V, unless otherwise specified
Input Voltage (V)
0
6
12
18
24
30
36
0
1
2
3
4
TJ = -40C
TJ = 25C
TJ = 125C
VEN/SYNC = 0 V
Figure 7-1. Shutdown Supply Current
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
6
8
10
12
14
VLDOIN = 5 V
Figure 7-2. Nonswitching Input Supply Current
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
0.99
0.995
1
1.005
1.01
Figure 7-3. Feedback Voltage
Junction Temperature (
C)
-50
-25
0
25
50
75
100
125
3
4
5
6
7
8
9
Peak
Valley
Figure 7-4. High-Side (Peak) and Low-Side (Valley)
Current Limits
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
10
20
30
40
50
60
70
High-side MOSFET
Low-side MOSFET
Figure 7-5. High-Side and Low-Side MOSFET
RDS(on)
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VEN Rising
VEN Falling
VEN_WAKE
Figure 7-6. Enable Thresholds
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com