Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments TLVM13630 Datasheet HTML 13Page - Texas Instruments TLVM13630 Datasheet HTML 14Page - Texas Instruments TLVM13630 Datasheet HTML 15Page - Texas Instruments TLVM13630 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
7.9 Typical Characteristics (VIN = 24 V)
Unless otherwise indicated, TA = 25°C, VLDOIN is tied to VOUT (except for VOUT = 2.5 V), and the module
is soldered to a 76-mm × 63-mm, 4-layer PCB. The SOA curves are taken with TJ(max) = 125°C and TA(max) =
105°C. Refer to Section 9.2 for circuit designs.
Output Current (A)
0
1
2
3
4
75
80
85
90
95
100
12 V, 2 MHz
7.5 V, 1.5 MHz
5.0 V, 1 MHz
3.3 V, 750 kHz
Figure 7-14. Efficiency
Output Current (A)
0
1
2
3
4
0
0.5
1
1.5
2
2.5
12 V, 2 MHz
7.5 V, 1.5 MHz
5 V, 1 MHz
3.3 V, 750 kHz
Figure 7-15. Power Dissipation
Output Current (A)
0
1
2
3
4
20
40
60
80
100
120
0 LFM
100 LFM
200 LFM
400 LFM
Figure 7-16. Safe Operating Area
(VOUT = 2.5 V, FSW = 500 kHz)
Figure 7-17. Safe Operating Area
(VOUT = 3.3 V, FSW = 750 kHz)
Output Current (A)
0
1
2
3
4
20
40
60
80
100
120
0 LFM
100 LFM
200 LFM
400 LFM
Figure 7-18. Safe Operating Area
(VOUT = 5 V, FSW = 1 MHz)
Output Current (A)
0
1
2
3
4
20
40
60
80
100
120
0 LFM
100 LFM
200 LFM
400 LFM
Figure 7-19. Safe Operating Area
(VOUT = 12 V, FSW = 2 MHz)
TLVM13640
SLVSGJ7 – APRIL 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com