Electronic Components Datasheet Search
  English  ▼

X  

TLVM13630 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Limits apply over TJ = –40°C to 125°C, VIN = 24 V, VOUT = 3.3 V, VLDOIN = 5 V, FSW = 800 kHz (unless otherwise noted).
Minimum and maximum limits are specified through production test or by design. Typical values represent the most likely
parametric norm and are provided for reference only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPG
Input current into PG pin when open drain output is
high
VPG = 3.3 V
10
nA
IOV
Pulldown current at the SW node during an
overvoltage condition
0.5
mA
tPG_FLT_RISE
Delay time to PG high signal
1.5
2.0
2.5
ms
tPG_FLT_FALL
Glitch filter time constant for PG function
120
µs
SWITCHING FREQUENCY
fSW_RANGE
Switching frequency range by RT or SYNC
200
2200
kHz
fSW_RT1
Default switching frequency by RRT
RRT = 66.5 kΩ
180
200
220
kHz
fSW_RT2
Default switching frequency by RRT
RRT = 5.76 kΩ
1980
2200
2420
kHz
SYNCHRONIZATION
tB
Blanking of EN after rising or falling edges(1)
4
28
µs
POWER STAGE
VBOOT_UVLO
Voltage on CBOOT pin relative to SW that turns off
the high-side switch
2.1
V
tON(min)
Minimum ON pulse width(1)
VOUT = 1 V, IOUT = 1 A, RBOOT shorted to
CBOOT
55
70
ns
tON(max)
Maximum ON pulse width(1)
9
µs
tOFF(min)
Minimum OFF pulse width
VIN = 4 V, IOUT = 1 A, RBOOT shorted to
CBOOT
65
85
ns
THERMAL SHUTDOWN
TSHD
Thermal shutdown threshold (1)
Temperature rising
158
168
180
°C
TSHD-HYS
Thermal shutdown hysteresis (1)
10
°C
(1)
Parameter specified by design, statistical analysis and production testing of correlated parameters. Not production tested.
(2)
Production tested with VIN = 3 V.
(3)
This is the current used by the device while not switching, open loop, with FB pulled to +5% of nominal. It does not represent the total
input current to the system while regulating.
7.6 System Characteristics
The following specifications apply only to the typical applications circuit, with nominal component values. Specifications in the
typical (TYP) column apply to TJ = 25°C only. These specifications are not ensured by production testing.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IIN
Input supply current when in
regulation
VIN = VEN = 24 V, VOUT = VVLDOIN = 3.3 V, FSW = 750 kHz, IOUT = 0 A
15
mA
OUTPUT VOLTAGE
ΔVOUT1
Load regulation
VIN = 24 V, VOUT = 3.3 V, IOUT = 0.1 A to 4 A
1
mV
ΔVOUT2
Line regulation
VOUT = 3.3 V, VIN = 4 V to 36 V, IOUT = 4 A
1
mV
ΔVOUT3
Load transient
VIN = 24 V, VOUT = 3.3 V, IOUT = 1 A to 4 A at 1 A/μs, COUT(derated) = 50 μF
100
mV
EFFICIENCY
η
Efficiency
VIN = 12 V, VOUT = VVLDOIN = 3.3 V, IOUT = 4 A, FSW = 750 kHz
92.1%
η
Efficiency
VIN = 24 V, VOUT = VVLDOIN = 3.3 V, IOUT = 4 A, FSW = 750 kHz
91%
η
Efficiency
VIN = 12 V, VOUT = VVLDOIN = 5 V, IOUT = 4 A, FSW = 1 MHz
94.3%
η
Efficiency
VIN = 24 V, VOUT = VVLDOIN = 5 V, IOUT = 4 A, FSW = 1 MHz
93%
η
Efficiency
VIN = 24 V, VOUT = VVLDOIN = 12 V, IOUT = 4 A, FSW = 2 MHz
95.6%
TLVM13640
SLVSGJ7 – APRIL 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com