Electronic Components Datasheet Search
  English  ▼

X  

ATAR080 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 46Page - ATMEL Corporation ATAR080 Datasheet HTML 47Page - ATMEL Corporation ATAR080 Datasheet HTML 48Page - ATMEL Corporation ATAR080 Datasheet HTML 49Page - ATMEL Corporation ATAR080 Datasheet HTML 50Page - ATMEL Corporation ATAR080 Datasheet HTML 51Page - ATMEL Corporation ATAR080 Datasheet HTML 52Page - ATMEL Corporation ATAR080 Datasheet HTML 53Page - ATMEL Corporation ATAR080 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50
ATAR080
4675D–4BMCU–12/04
Serial Interface Status and
Control Register (SISC)
Serial Transmit Buffer (STB) –
Byte Write
The STB is the transmit buffer of the SSI. The SSI transfers the transmit buffer into the
shift register and starts shifting with the most significant bit.
Serial Receive Buffer (SRB) –
Byte Read
The SRB is the receive buffer of the SSI. The shift register clocks serial data in (most
significant bit first) and loads the content into the receive buffer when a complete tele-
gram has been received.
Primary register address: ’A’hex
Bit 3Bit 2Bit 1Bit 0
SISC
write
RACK
SIM
IFN
Reset value: 1111b
SISC
read
–
TACK
ACT
SRDY
Reset value: xxxxb
RACK
Receive ACKnowledge status/control bit for MCL mode
RACK = 0, transmit acknowledge in next receive telegram
RACK = 1, transmit no acknowledge in last receive telegram
TACK
Transmit ACKnowledge status/control bit for MCL mode
TACK = 0, acknowledge received in last transmit telegram
TACK = 1, no acknowledge received in last transmit telegram
SIM
Serial Interrupt Mask
SIM = 1, disable interrupts
SIM = 0, enable serial interrupt. An interrupt is generated.
IFN
Interrupt FuNction
IFN = 1, the serial interrupt is generated at the end of the telegram
IFN = 0, the serial interrupt is generated when the SRDY goes low
(i.e., buffer becomes empty/full in transmit/receive mode)
SRDY
Serial interface buffer ReaDY status flag
SRDY = 1, in receive mode: receive buffer empty
in transmit mode: transmit buffer full
SRDY = 0, in receive mode: receive buffer full
in transmit mode: transmit buffer empty
ACT
Transmission ACTive status flag
ACT = 1, transmission is active, i.e., serial data transfer. Stop or start
conditions are currently in progress.
ACT = 0, transmission is inactive
Primary register address: ’9’hex
STB
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Primary register address: ’9’hex
SRB
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Second read cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com