Electronic Components Datasheet Search
  English  ▼

X  

SP40T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP40T Datasheet HTML 1Page - Infineon Technologies AG SP40T Datasheet HTML 2Page - Infineon Technologies AG SP40T Datasheet HTML 3Page - Infineon Technologies AG SP40T Datasheet HTML 4Page - Infineon Technologies AG SP40T Datasheet HTML 5Page - Infineon Technologies AG SP40T Datasheet HTML 6Page - Infineon Technologies AG SP40T Datasheet HTML 7Page - Infineon Technologies AG SP40T Datasheet HTML 8Page - Infineon Technologies AG SP40T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Data Sheet
4
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Introduction
1
Introduction
Measurements of pressure, acceleration, temperature, and battery voltage are performed under software
control, allowing the application software to format and prepare the data for RF transmission. An intelligent
system controller provides flexible wake-up capability in order to reduce energy usage. A calibrated Interval
Timer is included to permit periodic wake-up of the CPU, which in turn can then perform measurements and
transmit data to a receiver. The integrated Z-axis accelerometer may be used by the application software to
detect motion and distinguish between parking and driving situation.
The integrated microcontroller is instruction set compatible to the standard 8051 processor and is supported by
commercially available C compilers and IDE tool chains. The microcontroller core is supplemented with various
peripherals (e.g. hardware Manchester/BiPhase Encoder/Decoder, CRC Generator/Checker, I2C- and UART-
interface) that enable an easy implementation of TPMS application software.
For user specific application code the SP40T includes 12k of on-chip flash memory.
Another 2K of on-chip flash in a separated sector (extended code sector) is available, too. The main 12K code
sector can be erased independently from the extended sector which allows for boot-loader functionality.
The RF Transmitter block covers both 315 and 434 MHz UHF bands and supports FSK and ASK modulation. The
transmitter contains a fractional-N sigma-delta PLL synthesizer which allows for precise control of carrier
frequency and accurate FSK frequency modulation. A flexible baseband encoder and advanced power
management techniques are used to hold the peak current consumption during RF transmission to a minimum.
An integrated autonomous LF Receiver allows the SP40T to receive diagnostic or operating state commands,
supporting application features such as pressure-on-demand or tire position localization.
Finally, a comprehensive firmware library supports using all above mentioned hardware blocks effectively.
Especially a unique set of Angular Position Sensing (APS) functions allows calculating the instantaneous angular
position of the TPMS module relative to the car chassis which may be used for wheel localization on system level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com